Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS0260 Datasheet(PDF) 6 Page - ON Semiconductor

Part # AS0260
Description  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button AS0260 Datasheet HTML 2Page - ON Semiconductor AS0260 Datasheet HTML 3Page - ON Semiconductor AS0260 Datasheet HTML 4Page - ON Semiconductor AS0260 Datasheet HTML 5Page - ON Semiconductor AS0260 Datasheet HTML 6Page - ON Semiconductor AS0260 Datasheet HTML 7Page - ON Semiconductor AS0260 Datasheet HTML 8Page - ON Semiconductor AS0260 Datasheet HTML 9Page - ON Semiconductor AS0260 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
6
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
Functional Description
The ON Semiconductor AS0260 is a 1/6-inch 2.0 Mp CMOS digital image sensor with an
integrated advanced camera system. This camera system features a microcontroller
(MCU), a sophisticated image flow processor (IFP), MIPI and parallel output ports (only
one output port can be used). The microcontroller manages all functions of the camera
system and sets key operation parameters for the sensor core to optimize the quality of
raw image data entering the IFP. The sensor core consists of an active pixel array of
1920 x 1080 pixels with programmable timing and control circuitry. It also includes an
analog signal chain with automatic offset correction, programmable gain, and a 10-bit
analog-to-digital converter (ADC).
The entire system-on-a-chip (SOC) has superior low-light performance that is particu-
larly suitable for PC camera applications. The AS0260 features ON Semiconductor’s
breakthrough low-noise CMOS imaging technology that achieves near-CCD image
quality (based on signal-to-noise ratio and low-light sensitivity) while maintaining the
inherent size, cost, and integration advantages of CMOS.
The ON Semiconductor AS0260 can be operated in its default mode or programmed for
frame size, exposure, gain, and other parameters. The default mode output is a 1080P
image size at 30 frames per second (fps). It outputs JPEG compressed 8-bit data, using
the parallel output port.
Architecture Overview
The AS0260 combines a 2.0 Mp sensor core with an IFP to form a stand-alone solution
for both image acquisition and processing. Both the sensor core and the IFP have
internal registers that can be controlled by the user. In normal operation, an integrated
microcontroller autonomously controls most aspects of operation. The processed image
data is transmitted to the host system either through the parallel or MIPI interface.
Figure 1 shows the major functional blocks of the AS0260.
Figure 1:
AS0260 Block Diagram
Pixel Array
(
1920 x 1080)
Sensor C ore
FIFO
Interpolation
Line Buffers
Scaler
Line Buffers
Im age F low Processor(IF P )
Stats Engine
C olor Pipeline
Parallel
Output Interface
M icrocontroller
SR AM
ROM/
OTPM
Power On Reset
Two-
W ire Serial IF
Internal R egister Bus
System C ontrol
M icrocontroller U nit (MCU)
MIPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com