Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS0260 Datasheet(PDF) 36 Page - ON Semiconductor

Part # AS0260
Description  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260 Datasheet(HTML) 36 Page - ON Semiconductor

Back Button AS0260 Datasheet HTML 32Page - ON Semiconductor AS0260 Datasheet HTML 33Page - ON Semiconductor AS0260 Datasheet HTML 34Page - ON Semiconductor AS0260 Datasheet HTML 35Page - ON Semiconductor AS0260 Datasheet HTML 36Page - ON Semiconductor AS0260 Datasheet HTML 37Page - ON Semiconductor AS0260 Datasheet HTML 38Page - ON Semiconductor AS0260 Datasheet HTML 39Page - ON Semiconductor AS0260 Datasheet HTML 40Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
36
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
Camera Control and Auto Functions
General Purpose I/Os
The three general purpose I/Os (GPIOs) of the AS0260 can be configured in multiple
ways. Each of the I/Os can be used for multiple purposes and can be programmed from
the host. The GPIOs are powered by their own power supply.
Auto Exposure
The auto exposure algorithm performs automatic adjustments of the image brightness
by controlling exposure time and analog gains of the sensor core as well as digital gains
applied to the image.
Auto exposure is implemented by a firmware driver that analyzes image statistics
collected by the exposure measurement engine, makes a decision, and programs the
sensor core and color pipeline to achieve the desired exposure. The measurement
engine subdivides the image into 25 windows organized as a 5 x 5 grid.
Two auto exposure algorithm modes are available:
• Average brightness tracking (ABT) or Average Y (ae_rule_algo=0x00)
The average brightness tracking AE uses a constant average tracking algorithm where
a target brightness value is compared to a current brightness value, and the gain and
integration time are adjusted accordingly to meet the target requirement.
• Weighted Average Brightness (ae_rule_algo=0x01)
Each of the 25 windows can be assigned a weight, which can be changed inde-
pendently of each other. The effect of these weights will allow the center of the image
to be weighted higher than the periphery. See Figure 27.
Figure 27:
5 x 5 Grid
• Adaptive Weighted AE for highlights (ae_rule_algo=0x02)- The scene will be exposed
based on zone luma and will adapt for highlights. This would expose an image when
the background is dark.
• Adaptive Weighted AE for lowlights(ae_rule_algo=0x03)- The scene will be exposed
based on zone luma and will adapt for lowlights. This would expose an image when
the background is brighter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com