Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS0260 Datasheet(PDF) 10 Page - ON Semiconductor

Part # AS0260
Description  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button AS0260 Datasheet HTML 6Page - ON Semiconductor AS0260 Datasheet HTML 7Page - ON Semiconductor AS0260 Datasheet HTML 8Page - ON Semiconductor AS0260 Datasheet HTML 9Page - ON Semiconductor AS0260 Datasheet HTML 10Page - ON Semiconductor AS0260 Datasheet HTML 11Page - ON Semiconductor AS0260 Datasheet HTML 12Page - ON Semiconductor AS0260 Datasheet HTML 13Page - ON Semiconductor AS0260 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
10
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
Decoupling Capacitor Recommendations
It is important to provide clean, well regulated power to each power supply. The ON
Semiconductor recommendation for capacitor placement and values are based on our
internal demo camera design and verified in hardware. Note: Because hardware design
is influenced by many factors, such as layout, operating conditions, and component
selection, the customer is ultimately responsible to ensure that clean power is provided
for their own designs.
In order of preference, ON Semiconductor recommends:
1. Mount 0.1F and 1F decoupling capacitors for each power supply as close as possi-
ble to the pad and place a 10 F capacitor nearby off-module.
2. If module limitations allow for only six decoupling capacitors for a three-regulator
design use a 0.1F and 1F capacitor for each of the three regulated supplies. ON
Semiconductor also recommends placing a 10F capacitor for each supply off-mod-
ule, but close to each supply.
3. If module limitations allow for only three decoupling capacitors, use a 1F capacitor
(preferred) or a 0.1F capacitor for each of the three regulated supplies. ON Semicon-
ductor recommends placing a 10F capacitor for each supply off-module but close to
each supply.
4. Give priority to the VAA supply for additional decoupling capacitors.
5. Inductive filtering components are not recommended.
6. Follow best practices when performing physical layout. Refer to technical note TN-
09-131.
Output Data Format
The AS0260 image data is read out in a progressive scan. Valid image data is surrounded
by horizontal blanking and vertical blanking, as shown in Figure 3.
LINE_VALID is HIGH in the shaded region of the figure.
Figure 3:
Spatial Illustration of Image Readout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com