Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS0260 Datasheet(PDF) 74 Page - ON Semiconductor

Part # AS0260
Description  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260 Datasheet(HTML) 74 Page - ON Semiconductor

Back Button AS0260 Datasheet HTML 70Page - ON Semiconductor AS0260 Datasheet HTML 71Page - ON Semiconductor AS0260 Datasheet HTML 72Page - ON Semiconductor AS0260 Datasheet HTML 73Page - ON Semiconductor AS0260 Datasheet HTML 74Page - ON Semiconductor AS0260 Datasheet HTML 75Page - ON Semiconductor AS0260 Datasheet HTML 76Page - ON Semiconductor AS0260 Datasheet HTML 77Page - ON Semiconductor AS0260 Datasheet HTML 78Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
74
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
Figure 43:
CSP Mechanical Drawing
Notes:
1. TRST_BAR connects to DGND for normal operation.
2. Reserved pins must be left floating.
Table 21:
Ball Matrix
1
2
3
4
5
6
7
8
9
A
DGND
DOUT5DGND
DOUT0
GPIO1
LINE_VALID
REG_IN0
DGND
DGND
B
DGND
DOUTT6
DOUT4VDD_IO
GPIO0
DGND
REG_OUT
CLK_P
CLK_N
C
GPIO2
DOUT7
VDD_IO
DOUT3DOUT1
FRAME_VALI
D
REG_FB
DATA_2N
DATA_2P
D
VDD_IO
PIXCLK
VDD
DOUT2
DGND
VDD_IO
VDD
DATA_N
DATA_P
E
SDATA
EXTCLK
DGND
DGND
SHUTDOWN
AGND
DGND
VDD_PHY
VPP
F
TRST_BAR
Reserved
SCLK
RESET_BAR
SADDR
AGND
AGND
VAA_PIX
VAA
CROSS SECTION VIEW (E-E)
A
A
9
First clear active pixel
-967.7
Last clear active pixel
(1418.7,544.3)
S1
J1
D
Optical Center(-74.7,-212)
Package Center=Die Center(0,0)
TOP VIEW(Image side)
BOTTOM VIEW(BGA side)
Unit: m
Package size: 6004.55 x 4157.55
Ball pitch: 620
Ball Diameter: 280
8
7
6
5
4
3
2
1
B
C
D
E
F
A
98
7
6
5
4
3
21
B
C
D
E
F
Optical Center(74.7,-212)
Package Center=Die Center(0,0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com