Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS0260 Datasheet(PDF) 35 Page - ON Semiconductor

Part # AS0260
Description  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260 Datasheet(HTML) 35 Page - ON Semiconductor

Back Button AS0260 Datasheet HTML 31Page - ON Semiconductor AS0260 Datasheet HTML 32Page - ON Semiconductor AS0260 Datasheet HTML 33Page - ON Semiconductor AS0260 Datasheet HTML 34Page - ON Semiconductor AS0260 Datasheet HTML 35Page - ON Semiconductor AS0260 Datasheet HTML 36Page - ON Semiconductor AS0260 Datasheet HTML 37Page - ON Semiconductor AS0260 Datasheet HTML 38Page - ON Semiconductor AS0260 Datasheet HTML 39Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
35
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
Cam_scale_vertical_tc_percentage will define how much tilt needs to be corrected for in
percentage terms. When used in conjunction with cam_scale_vertical_tc_stretch_factor,
which will stretch the image vertically.
The effect of using cam_scale_vertical_tc_mode can be seen below.
Uncorrected
image
Uncorrected
image
w
90% w
90% w
Vertical plane is tilted-away from
the camera – therefore the bottom
row of image represents the
nearest point. The nearest point
appears bigger in the uncorrected
image, therefore top/bottom ratio
will be greater than 1.0
Vertical plane is tilted-towards the
camera – therefore the top row of
image represents the nearest point.
The nearest point appears bigger in
the uncorrected image, therefore
the top/bottom ratio with be less
than 1.0
Case1: CAM_SCALE_VERTICAL_TC_PERCENTAGE = 10%
Case2: CAM_SCALE_VERTICAL_TC_PERCENTAGE = -10%
w
Original scene tilted
MODE_STRECH_FROM_CENTRE_EN = 0
MODE_STRECH_FROM_CENTRE_EN = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com