Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS0260 Datasheet(PDF) 81 Page - ON Semiconductor

Part # AS0260
Description  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260 Datasheet(HTML) 81 Page - ON Semiconductor

Back Button AS0260 Datasheet HTML 75Page - ON Semiconductor AS0260 Datasheet HTML 76Page - ON Semiconductor AS0260 Datasheet HTML 77Page - ON Semiconductor AS0260 Datasheet HTML 78Page - ON Semiconductor AS0260 Datasheet HTML 79Page - ON Semiconductor AS0260 Datasheet HTML 80Page - ON Semiconductor AS0260 Datasheet HTML 81Page - ON Semiconductor AS0260 Datasheet HTML 82Page - ON Semiconductor AS0260 Datasheet HTML 83Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 81 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
81
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
MIPI AC and DC Electrical Characteristics
MIPI Specification Reference
The AS0260 design and this documentation is based on the following reference docu-
ments:
• MIPI Alliance Standard for CSI-2 version 1.0
• MIPI Alliance Standard for D-PHY version 1.0
Table 28:
MIPI High-Speed Transmitter DC Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VOD
HS transmit differential voltage
140
–
270
mV
VCMTX
HS transmit static common mode voltage
150
–
250
mV
VOD
VOD mismatch when output is Differential-1 or Differential-0
–
–
13
mV
VCMTX(1,0)
VCMTX mismatch when output is Differential-1 or Differential-0
–
–
5
mV
VOHHSHS output HIGH voltage
–
–
360
mV
ZOS
Single-ended output impedance
40
–
62.5
ZOS
Single-ended output impedance mismatch
–
–
17
%
Table 29:
MIPI High-Speed Transmitter AC Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Data bit rate
–
–
768
Mb/s
trise
20–80% rise time
150
–
500
ps
tfall
20–80% fall time
150
–
500
ps
Table 30:
MIPI Low-Power Transmitter DC Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VOL
Thevenin output low level
–
–
55
mV
VOH
Thevenin output high level
–
1.15
–
V
ZOLP
Output impedance of LP transmitter
110
–
–
Table 31:
MIPI Low-Power Transmitter AC Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
trise
15–85% rise time
–
–
25
ns
tfall
15–85% fall time
–
–
25
ns
Slew
Slew rate (CLOAD 5–20pf)
–
–
200
mV/ns
Slew
Slew rate (CLOAD 20–70pf)
–
–
150
mV/ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com