Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASX340AT Datasheet(PDF) 56 Page - ON Semiconductor

Part # ASX340AT
Description  Color CMOS NTSC/PAL Digital Image
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASX340AT Datasheet(HTML) 56 Page - ON Semiconductor

Back Button ASX340AT Datasheet HTML 52Page - ON Semiconductor ASX340AT Datasheet HTML 53Page - ON Semiconductor ASX340AT Datasheet HTML 54Page - ON Semiconductor ASX340AT Datasheet HTML 55Page - ON Semiconductor ASX340AT Datasheet HTML 56Page - ON Semiconductor ASX340AT Datasheet HTML 57Page - ON Semiconductor ASX340AT Datasheet HTML 58Page - ON Semiconductor ASX340AT Datasheet HTML 59Page - ON Semiconductor ASX340AT Datasheet HTML 60Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 75 page
background image
ASX340AT/D Rev. H, 8/15 EN
56
©Semiconductor Components Industries, LLC, 2015.
ASX340CS: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Modes and Timing
I/O Timing
Digital Output
By default, the ASX340AT launches pixel data, FV, and LV synchronously with the falling
edge of PIXCLK. The expectation is that the user captures data, FV, and LV using the
rising edge of PIXCLK. The timing diagram is shown in Figure 36.
As an option, the polarity of the PIXCLK can be inverted from the default by program-
ming R0x0016[14].
Figure 36:
Digital Output I/O Timing
Note:
PIXCLK can be inverted from the default by programming R0x0016[14].
Table 29:
Parallel Digital Output I/O Timing
fEXTCLK = 27 MHz; VDD = 1.8V; VDD_IO = 2.8V; VAA = 2.8V; VAA_PIX = 2.8V;
VDD_PLL = 2.8V; VDD_DAC = 2.8V; Default slew rate
Signal
Parameter
Conditions
Min
Typ
Max
Unit
EXTCLK
fextclk
6
27
54
MHz
textclk_period
18.52
37
166.67
ns
Duty cycle
45
50
55
%
PIXCLK1
fpixclk
6
27
54
MHz
tpixclk_period
18.52
37.04
166.67
ns
Duty cycle
45
50
55
%
DATA[7:0]
tpixclkf_dout
1.55
–
1.9
ns
tdout_su
18
–
20
ns
tdout_ho
18
–
20
ns
FV/LV
tpixclkf_fvlv
1.6
–
3.05
ns
tfvlv_su
15
–
16
ns
tfvlv_ho
20
–
21
ns
EXT CLK
PIXC LK
D OUT [7:0]
F R AM E_VALID
LIN E _VALID
t
pixclkf_dout
t
pixclkf_fvlv
Input
O utput
O utput
O utput
t
fvlv_su
t
fvlv_ho
t
dout_ho
t
dout_su
t
extclk_period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com