Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASX340AT Datasheet(PDF) 57 Page - ON Semiconductor

Part # ASX340AT
Description  Color CMOS NTSC/PAL Digital Image
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASX340AT Datasheet(HTML) 57 Page - ON Semiconductor

Back Button ASX340AT Datasheet HTML 53Page - ON Semiconductor ASX340AT Datasheet HTML 54Page - ON Semiconductor ASX340AT Datasheet HTML 55Page - ON Semiconductor ASX340AT Datasheet HTML 56Page - ON Semiconductor ASX340AT Datasheet HTML 57Page - ON Semiconductor ASX340AT Datasheet HTML 58Page - ON Semiconductor ASX340AT Datasheet HTML 59Page - ON Semiconductor ASX340AT Datasheet HTML 60Page - ON Semiconductor ASX340AT Datasheet HTML 61Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 75 page
background image
ASX340AT/D Rev. H, 8/15 EN
57
©Semiconductor Components Industries, LLC, 2015.
ASX340CS: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Modes and Timing
Slew Rate
Figure 37:
Slew Rate Timing
Table 30:
Slew Rate for PIXCLK and DOUT
fEXTCLK = 27 MHz; VDD = 1.8V; VDD_IO = 2.8V; VAA = 2.8V; V_PIX = 2.8V;
VDD_PLL = 2.8V; VDD_DAC = 2.8V; T = 25°C; CLOAD = 40 pF
PIXCLK
DOUT[7:0]
Unit
R0x1E [10:8]
Rise Time
Fall Time
R0x1E [2:0]
Rise Time
Fall Time
000
NA
NA
000
15.0
13.5
ns
001
NA
NA
001
9.0
8.5
ns
010
7.0
6.9
010
6.8
6.0
ns
011
5.2
5.0
011
5.2
4.8
ns
100
4.0
3.8
100
3.8
3.5
ns
101
3.0
2.8
101
3.3
3.3
ns
110
2.4
2.2
110
3.0
3.0
ns
111
1.9
1.7
111
2.8
2.8
ns
90%
10%
tris e
tfall
PIXCLK
D OUT
tris e
tfall
90%
10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com