Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASX340AT Datasheet(PDF) 34 Page - ON Semiconductor

Part # ASX340AT
Description  Color CMOS NTSC/PAL Digital Image
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASX340AT Datasheet(HTML) 34 Page - ON Semiconductor

Back Button ASX340AT Datasheet HTML 30Page - ON Semiconductor ASX340AT Datasheet HTML 31Page - ON Semiconductor ASX340AT Datasheet HTML 32Page - ON Semiconductor ASX340AT Datasheet HTML 33Page - ON Semiconductor ASX340AT Datasheet HTML 34Page - ON Semiconductor ASX340AT Datasheet HTML 35Page - ON Semiconductor ASX340AT Datasheet HTML 36Page - ON Semiconductor ASX340AT Datasheet HTML 37Page - ON Semiconductor ASX340AT Datasheet HTML 38Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 75 page
background image
ASX340AT/D Rev. H, 8/15 EN
34
©Semiconductor Components Industries, LLC, 2015.
ASX340CS: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
External Signal Processing
Summary of Host Commands
Table 14 on page 34 through Table 21 on page 36 show summaries of the host
commands. The commands are divided into the following sections:
• System Manager
•Overlay
•GPIO
• Flash Manager
• Sequencer
• Patch Loader
•Miscellaneous
• Calibration Stats
Following is a summary of the Host Interface commands. The description gives a quick
orientation. The “Type” column shows if it is an asynchronous or synchronous
command. For a complete list of all commands including parameters, consult the Host
Command Interface Specification document.
Table 14:
System Manager Commands
System Manager
Host Command
Value
Type
Description
Set State
0x8100
Synchronous
Request the system enter a new state
Get State
0x8101
Synchronous
Get the current state of the system
Table 15:
Overlay Host Commands
Overlay Host Command
Value
Type
Description
Enable Overlay
0x8200
Synchronous
Enable or disable the overlay subsystem
Get Overlay State
0x8201
Synchronous
Retrieve the state of the overlay subsystem
Set Calibration
0x8202
Synchronous
Set the calibration offset
Set Bitmap Property
0x8203
Synchronous
Set a property of a bitmap
Get Bitmap Property
0x8204
Synchronous
Get a property of a bitmap
Set String Property
0x8205
Synchronous
Set a property of a character string
Load Buffer
0x8206
Asynchronous
Load an overlay buffer with a bitmap (from Flash)
Load Status
0x8207
Synchronous
Retrieve status of an active load buffer operation
Write Buffer
0x8208
Synchronous
Write directly to an overlay buffer
Read Buffer
0x8209
Synchronous
Read directly from an overlay buffer
Enable Layer
0x820A
Synchronous
Enable or disable an overlay layer
Get Layer Status
0x820B
Synchronous
Retrieve the status of an overlay layer
Set String
0x820C
Synchronous
Set the character string
Get String
0x820D
Synchronous
Get the current character string
Load String
0x820E
Asynchronous
Load a character string (from Flash)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com