Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASX340AT Datasheet(PDF) 65 Page - ON Semiconductor

Part # ASX340AT
Description  Color CMOS NTSC/PAL Digital Image
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASX340AT Datasheet(HTML) 65 Page - ON Semiconductor

Back Button ASX340AT Datasheet HTML 61Page - ON Semiconductor ASX340AT Datasheet HTML 62Page - ON Semiconductor ASX340AT Datasheet HTML 63Page - ON Semiconductor ASX340AT Datasheet HTML 64Page - ON Semiconductor ASX340AT Datasheet HTML 65Page - ON Semiconductor ASX340AT Datasheet HTML 66Page - ON Semiconductor ASX340AT Datasheet HTML 67Page - ON Semiconductor ASX340AT Datasheet HTML 68Page - ON Semiconductor ASX340AT Datasheet HTML 69Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 75 page
background image
ASX340AT/D Rev. H, 8/15 EN
65
©Semiconductor Components Industries, LLC, 2015.
ASX340CS: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Electrical Specifications
Power Consumption, Operating Mode
Analog output uses single-ended mode: DAC_Pos = 75, DAC_Neg = 37.5, DAC_Ref =
2.4k, parallel output is disabled.
Analog output is disabled; parallel output is enabled.
Table 42:
Power Consumption – Condition 1
fEXTCLK = 27 MHz; T = 25ºC, dark condition (lens with cover)
Power Plane
Supply
Condition 1
Typ Power
Max Power
Unit
VDD
1.8
48.2
72
mW
VDD_IO
2.8
Parallel off
2.2
10
mW
VAA
2.8
96
140
mW
VAA_PIX
2.8
2.2
5
mW
VDD_DAC
2.8
Single 75
122.9
146
mW
VDD_PLL
2.8
18.8
25
mW
Total
290.3
398
mW
Table 43:
Power Consumption – Condition 2
fEXTCLK = 27 MHz; T = 25ºC, dark condition (lens with cover), CLOAD = 40pF
Power Plane
Supply
Condition 2
Typ Power
Max Power
Unit
VDD
1.8
47.5
72
mW
VDD_IO
2.8
Parallel on
26.6
50
mW
VAA
2.8
95.5
140
mW
VAA_PIX
2.8
2.2
5
mW
VDD_DAC
2.8
VDAC off
1.1
5
mW
VDD_PLL
2.8
18.8
25
mW
Total
191.7
297
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com