Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASX340AT Datasheet(PDF) 63 Page - ON Semiconductor

Part # ASX340AT
Description  Color CMOS NTSC/PAL Digital Image
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASX340AT Datasheet(HTML) 63 Page - ON Semiconductor

Back Button ASX340AT Datasheet HTML 59Page - ON Semiconductor ASX340AT Datasheet HTML 60Page - ON Semiconductor ASX340AT Datasheet HTML 61Page - ON Semiconductor ASX340AT Datasheet HTML 62Page - ON Semiconductor ASX340AT Datasheet HTML 63Page - ON Semiconductor ASX340AT Datasheet HTML 64Page - ON Semiconductor ASX340AT Datasheet HTML 65Page - ON Semiconductor ASX340AT Datasheet HTML 66Page - ON Semiconductor ASX340AT Datasheet HTML 67Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 75 page
background image
ASX340AT/D Rev. H, 8/15 EN
63
©Semiconductor Components Industries, LLC, 2015.
ASX340CS: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Electrical Specifications
Notes:
1. VAA and VAA_PIX must all be at the same potential to avoid excessive current draw. Care must be
taken to avoid excessive noise injection in the analog supplies if all three supplies are tied together.
2. The imager operates in this temperature range, but image quality may degrade if it operates
beyond the functional operating temperature range.
3. Image quality is not guaranteed at temperatures equal to or greater than this range.
Note:
DAC_POS, DAC_NEG, and DAC_REF are loaded with resistors to simulate video output driving into
a low pass filter and achieve a full output swing of 1.4V. Their resistor loadings may be different
from the loadings in a real single-ended or differential-ended video output system with an actual
receiving end. Please refer to the Developer Guide for proper resistor loadings.
Table 38:
Electrical Characteristics and Operating Conditions
Parameter1
Condition
Min
Typ
Max
Unit
Core digital voltage (VDD)
–
1.70
1.8
1.95
V
IO digital voltage (VDD_IO)
–
2.66
2.8
2.94
V
Video DAC voltage (VDD_DAC)
–
2.66
2.8
2.94
V
PLL Voltage (VDD_PLL)
–
2.66
2.8
2.94
V
Analog voltage (VAA)
–
2.66
2.8
2.94
V
Pixel supply voltage (VAA_PIX)
–
2.66
2.8
2.94
V
Imager operating temperature2
–
–40
+105
°C
Functional operating temperature3
–40
+85
°C
Storage temperature
–
–50
+150
°C
Table 39:
Video DAC Electrical Characteristics–Single-Ended Mode
fEXTCLK = 27 MHz; VDD = 1.8V; VDD_IO = 2.8V; VAA = 2.8V; VAA_PIX = 2.8V;
VDD_PLL = 2.8V; VDD_DAC = 2.8V
Parameter
Condition
Min
Typ
Max
Unit
Resolution
–
10
-
bits
DNL
–
0.2
0.4
bits
INL
–
0.7
3.5
bits
Output local load
Output pad (DAC_POS)
–
37.5
-
Unused output (DAC_NEG)
–
37.5
-
Output voltage
Single-ended mode, code 000h
–
.021
-
V
Single-ended mode, code 3FFh
–
1.392
-
V
Output current
Single-ended mode, code 000h
–
0.560
-
mA
Single-ended mode, code 3FFh
–
37.120
-
mA
Supply current
Estimate
–
-
25.0
mA
DAC_REF
DAC Reference
–
1.200
-
V
R DAC_REF
DAC Reference
–
2.4
-
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com