Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5027ASQ/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM5027ASQ/NOPB
Description  Voltage Mode Active Clamp Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5027ASQ/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM5027ASQ/NOPB Datasheet HTML 1Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 2Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 3Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 4Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 5Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 6Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 7Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 8Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
LM5027A
SNVS642B – APRIL 2010 – REVISED MARCH 2013
www.ti.com
Table 1. Pin Descriptions (continued)
Pin(1)
Name
Description
Application Information
10
OUTB
Output driver
Control output of the active clamp PFET gate. Capable of 1A peak source and
sink current.
11
OUTA
Output driver
Control output of the main PWM NFET gate. Capable of 2A peak source and sink
current.
12
OUTSR
Output driver
Control output of the secondary side synchronous rectifier FET gates. Capable of
3A peak source and sink current.
13
PGND
Power ground
Connect directly to Analog Ground
14
VCC
Start-up regulator output
Output of the internal high voltage start-up regulator. Regulated at 9.5V during
start-up and 7.5V during run mode. If the auxiliary winding raises the voltage on
this pin above the regulation set point, the internal start-up regulator will
shutdown, thus reducing the IC power dissipation.
15
CS
Current sense input
Current sense input for cycle-by-cycle current limiting. If the CS pin exceeds
500mV the output pulse will be terminated, entering cycle-by-cycle current limit.
An internal switch holds CS low for 100 ns after OUTA switches high to blank
leading edge transients.
16
SS
Soft-start Input
An internal 22 µA current source charges an external capacitor to set the soft-start
rate.
17
RES
Restart timer
If cycle-by-cycle current limit is reached during any cycle, a 22 µA current is
sourced into the RES capacitor. If the RES capacitor voltage charges to 1.0V, a
hiccup sequence is initiated. The SS and SSSR capacitors are discharged and the
control outputs are disabled. The voltage on the RES capacitor is ramped
between 4V and 2V eight times. After the eighth cycle, the SS capacitor is
released and the normal start-up sequence begins.
18
SSSR
Soft-start for synchronous
An external capacitor and an internal 25 µA current source sets the soft-start and
rectifier output.
soft-stop ramps for the synchronous rectifier output (OUTSR).
19
OTP
Over-Temperature
The OTP comparator can be used for over-temperature shutdown protection with
Protection
an external NTC thermistor voltage divider setting the shutdown temperature. The
OTP comparator threshold is 1.25V. Hysteresis is set by an internal current
source that sources 20 µA into the external resistor divider when the OTP pin
voltage is above the threshold.
20
UVLO
Line under-voltage lockout
An external voltage divider from the power source sets the shutdown and standby
comparator levels. When UVLO reaches the 0.4V threshold, the VCC and REF
regulators are enabled. When UVLO reaches the 2.0V threshold, the SS pin is
released and the device enters the active mode. Hysteresis is set by an internal
current source that pulls 20 µA from the external resistor divider when the UVLO
pin is below the 2.0V threshold.
EP
Exposed pad, underside of
No electrical contact to the LM5027A integrated circuit. Connect to system ground
package
plane for reduced thermal resistance.
4
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM5027A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com