Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5027ASQ/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Part # LM5027ASQ/NOPB
Description  Voltage Mode Active Clamp Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5027ASQ/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM5027ASQ/NOPB Datasheet HTML 18Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 19Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 20Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 21Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 22Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 23Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 24Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 25Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
VPWR - 2.0 - 20 PA x R1
2.0 x R1
R2 =
LM5027A
VIN
VCC
VPWR
10V
10V-15V (from
power stage)
LM5027A
SNVS642B – APRIL 2010 – REVISED MARCH 2013
www.ti.com
For Applications > 100V
For applications where the system input voltage (VPWR) exceeds 100V, VIN can be powered from an external
start-up regulator as shown in Figure 28. Connecting the VIN and VCC pins together allows the LM5027A to be
operated with VIN below 13V. To turn-off the internal start-up regulator the VCC voltage must be raised above
9.9V. The voltage at the VCC pin must not exceed 15V. The voltage source at the right side of Figure 28 is
typically derived from the power stage, and becomes active when the LM5027A outputs are active.
Figure 28. Start-up Regulator for VPWR > 100V
UVLO
The under-voltage lockout threshold (UVLO) is internally set to 2.0V at the UVLO pin. With two external resistors
as shown in Figure 29, the LM5027A is enabled when VPWR causes the UVLO pin to exceed threshold voltage of
2V. When VPWR is below the threshold, the internal 20 µA current sink is enabled to reduce the voltage at the
UVLO pin. When the UVLO pin voltage exceeds the 2V threshold, the 20 µA current sink is turned off causing
the UVLO voltage to increase and providing hysteresis. The values of R1 and R2 can be determined from the
following equation:
R1 = VHYS/20 µA
(5)
(6)
Where VHYS is the desired UVLO hysteresis at VPWR, and VPWR in the second equation is the turn-on voltage. For
example, if the LM5027A is to be enabled when VPWR reaches 34V, and the hysteresis is 1.8V, then R1 is 90 kΩ
and 5.6 k
Ω. For this application R1 was selected to be 90.0 kΩ, R2 was selected to be 6.19 kΩ. The LM5027A
can be remotely shutdown by taking the UVLO pin below 0.4V with an external open collector or open drain
device, as shown in Figure 29. The outputs and the VCC regulator are disabled in shutdown mode.
22
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM5027A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com