Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5027ASQ/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # LM5027ASQ/NOPB
Description  Voltage Mode Active Clamp Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5027ASQ/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5027ASQ/NOPB Datasheet HTML 7Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 8Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 9Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 10Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 11Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 12Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 13Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 14Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
REGULATOR
VCC
UVLO
5V
REFERENCE
LOGIC
OSCILLATOR
LOGIC
Q
VIN
UVLO
OTP
RT
RAMP
SSSR
COMP
CS
SS
TIME1
RES
TIME 2
AGND
PGND
OUTSR
OUTB
OUTA
REF
VCC
SHUTDOWN
STANDBY
CLK
PWM
5 uA
5 uA
DRIVER
DRIVER
DRIVER
+
-
-
+
+
-
+
-
+
-
+
-
THERMAL
LIMIT
TIME 3
RESTART
TIMER
LOGIC AND
COUNTER
22 uA
CS
-
OVERLAP
AND DRIVE
DELAY
SS
SS
+
-
20 uA
Soft-Stop
25 uA
UVLO HYSTERESIS (20 uA)
OTP HYSTERESIS (20 uA)
1.0V
0.50V
CLK + LEB
5k
1V
5V
FF
RAMP
9.5V-7.7V
2.5V Max V*S Clamp
DIVIDE - BY- 8
22 uA
1
1:
REF
REF
REF
REF
S
R
2.5V
5.0V
2.0V
1.25V
0.4V
LM5027A
www.ti.com
SNVS642B – APRIL 2010 – REVISED MARCH 2013
BLOCK DIAGRAM
Figure 18. Simplified Block Diagram
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM5027A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com