Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5027ASQ/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Part # LM5027ASQ/NOPB
Description  Voltage Mode Active Clamp Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5027ASQ/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5027ASQ/NOPB Datasheet HTML 8Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 9Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 10Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 11Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 12Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 13Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 14Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 15Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
LM5027A
SNVS642B – APRIL 2010 – REVISED MARCH 2013
www.ti.com
DETAILED OPERATING DESCRIPTION
The LM5027A PWM controller contains all the features necessary to implement power converters utilizing the
Active Clamp Reset technique with synchronous rectification. The device is configured to control a P-Channel
clamp switch. With the active clamp technique higher efficiencies and greater power densities can be realized
compared to conventional catch winding or RDC clamp / reset techniques. The LM5027A provides three gate
driver outputs: one to drive the primary side MOSFET (OUTA), one for the active clamp P-Channel MOSFET
(OUTB), and one output to drive the synchronous rectifier through an isolation interface (OUTSR). This controller
is designed for high-speed operation including an oscillator frequency range up to 1 MHz and total PWM and
current sense propagation delay less than 50 ns. The LM5027A includes a high-voltage start-up regulator that
operates over a wide input range of 13V to 90V. Additional features include: Line Under-Voltage lockout (UVLO),
soft-start/soft-stop, oscillator with synchronization capability, cycle-by-cycle current limit, hiccup mode fault
protection with adjustable delay, precision reference, and thermal shutdown.
High Voltage Start-Up Regulator
The LM5027A contains an internal high voltage start-up regulator that allows the input pin (VIN) to be connected
directly to the line voltage. The regulator output is internally current limited to 55mA. When the UVLO pin
potential is greater than 0.4V, the VCC regulator is enabled to charge an external capacitor connected to the
VCC pin. The VCC regulator provides power to the voltage reference (REF) and the gate drivers (OUTA, OUTB,
and OUTSR). The controller outputs are enabled when the voltage on the VCC pin reaches the regulation point
of 9.5V, the internal voltage reference (REF) reaches its regulation point of 5V, the UVLO pin voltage is greater
than 2V, and the OTP pin voltage is greater than 1.25V. The outputs will remain enabled unless one of the
following conditions occurs, VCC falls below 6.0V, UVLO is below 2.0 V, or the OTP pin falls below 1.25V. The
value selected for the VCC capacitor depends on the total system design and the start-up characteristics. The
recommended capacitance range for the VCC regulator is 0.1 µF to 100 µF. In a typical application, an auxiliary
transformer winding is connected through a diode to the VCC pin. This winding must raise the VCC voltage
above the VCC regulation set point to shut off the internal start-up regulator. The LM5027A lowers the VCC
regulation set point from 9.5V to 7.5V after the output of the first OUTSR drive pulse. Powering VCC from an
auxiliary winding improves efficiency while reducing the controller power dissipation. When the converter auxiliary
winding is inactive, external current draw on the VCC line should be limited so the power dissipation in the start-
up regulator does not exceed the maximum power dissipation of the LM5027A package. An external start-up
regulator or other bias rail can be used instead of the internal start-up regulator by connecting the VCC and the
VIN pins together and feeding the external bias into the two pins.
Line Under-Voltage Detector
The LM5027A contains a dual level line Under Voltage Lock Out (UVLO) circuit. When the UVLO pin voltage is
greater than 0.4V but less than 2.0V, the controller is in a standby mode. In the standby mode the VCC and REF
bias regulators are active while the controller outputs are disabled. This feature allows the UVLO pin to be used
as a remote enable/disable function. Pulling the UVLO pin below the 2.0V threshold initiates a soft-stop
sequence described later in this document. There is 100mV of hysteresis provided in the 0.4V shutdown
comparator. When the VCC and REF outputs exceed their respective under-voltage thresholds and the UVLO
pin voltage is greater than 2.0V and the OTP pin voltage is greater than 1.25V, the outputs are enabled and
normal operation begins. An external set-point voltage divider from the VIN to GND can be used to set the
minimum operating voltage of the converter. The divider must be designed such that the voltage at the UVLO pin
will be greater than 2.0V when Vin is in the desired operating range. If the under-voltage threshold is not met, all
three outputs are disabled. UVLO hysteresis is accomplished with an internal 20 µA current sink that is switched
on or off into the impedance of the set-point divider. When the UVLO pin voltage exceeds 2.0V threshold, the
current sink is deactivated to quickly raise the voltage at the UVLO pin. When the UVLO pin voltage falls below
the 2.0V threshold, the current sink is turned on causing the voltage at the UVLO pin to quickly fall .
Reference
The REF pin is the output of a 5V linear regulator that can be used to bias an opto-coupler transistor and
external house-keeping circuits. The regulator output is internally current limited to 10 mA.
12
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM5027A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com