Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5027ASQ/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LM5027ASQ/NOPB
Description  Voltage Mode Active Clamp Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5027ASQ/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM5027ASQ/NOPB Datasheet HTML 1Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 2Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 3Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 4Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 5Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 6Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 7Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 8Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
LM5027A
www.ti.com
SNVS642B – APRIL 2010 – REVISED MARCH 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
VIN to GND
-0.3V to 105V
VCC to GND
-0.3V to 16V
UVLO to GND
-0.3 to 8V
All other inputs to GND
-0.3 to 7V
COMP Input Current
10 mA
COMP, REF (3)
ESD Rating, Human Body Model(4)
2kV
Storage Temperature Range
-55°C to 150°C
Junction Temperature
150°C
(1)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(2)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics.
(3)
It is not recommended that external power sources be connected to these pins.
(4)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
Operating Ratings
(1)
VIN
13 to 90V
VCC
8 to 15V
Operating Junction Temperature
-40°C to +125°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics.
Electrical Characteristics
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature range of –40°C to
+125°C. Unless otherwise specified, the following conditions apply: VIN = 48V, VCC = 10V, RT= 38.4K , No Load on OUTA,
OUTB and OUTSR unless otherwise stated.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN SUPPLY
Ibias
VIN Operating Current
COMP and VCC Open, UVLO and OTP = 3V
6.8
mA
VIN Shutdown Current
UVLO = 0V, Vin = 100 V
310
650
µA
VCC REGULATOR
VCC Regulation
No Load (SS<4V)
9.1
9.5
9.9
V
VCC Current Limit
VCC=9.5V
55
65
mA
VCC Regulator load regulation
IVCCREG 0 to 15 mA
75
mV
VCC Under-voltage Lockout
Positive going VCC
VccReg
VccReg –
V
Voltage
–180mV
100mV
VccReg
VCC Regulation
No Load
7.3
7.5
7.7
V
VCC Under-voltage Lockout
Negative going Vcc
5.7
6.0
6.3
V
Voltage
VCC Supply Current (Icc)
Supply current into VCC form an external
6
mA
source, CGATE = OPEN, VCC 10V
REFERENCE SUPPLY
Reference Voltage
IREF = 0mA
4.85
5.0
5.15
V
Reference Voltage Regulation
IREF= 0 to 10mA
10
20
mV
Reference Current Limit
10
17.5
mA
REF Under-voltage Threshold
UVLO >0.4V, VCC >9.5V
3.8
V
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM5027A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com