Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5027ASQ/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM5027ASQ/NOPB
Description  Voltage Mode Active Clamp Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5027ASQ/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM5027ASQ/NOPB Datasheet HTML 1Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 2Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 3Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 4Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 5Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 6Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 7Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 8Page - Texas Instruments LM5027ASQ/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
LM5027A
www.ti.com
SNVS642B – APRIL 2010 – REVISED MARCH 2013
Voltage Mode Active Clamp Controller
Check for Samples: LM5027A
1
FEATURES
DESCRIPTION
The LM5027A is a functional variant of the LM5027
2
•
Voltage-Mode Control
active
clamp
PWM
controller.
The
functional
•
Line Feed-Forward PWM Ramp
difference of the LM5027A is that the maximum duty
•
Internal 105V Rated Start-Up Bias Regulator
cycle of the LM5027A is decreased from 91% to 71%.
In addition, the oscillator timing equation has been
•
Programmable Line Under-Voltage Lockout
modified.
(UVLO) with Adjustable Hysteresis
The
LM5027A
pulse-width
modulation
(PWM)
•
Versatile Dual Mode Over-Current Protection
controller contains all of the features necessary to
•
Programmable Volt-Second Limiter and Soft-
implement power converters utilizing the Active
Start
Clamp / Reset technique. With the active clamp
•
Programmable Synchronous Rectifier Soft-
technique, higher efficiencies and greater power
Start and Stop
densities can be realized compared to conventional
catch winding or RDC clamp / reset techniques.
•
Precise 500mV Over-Current Comparator
Three control outputs are provided: the main power
•
Current Sense Leading Edge Blanking
switch control (OUTA), the active clamp switch
•
Programmable Oscillator With 1 MHz
control (OUTB), and secondary side synchronous
Maximum Frequency and Synchronization
rectifier control (OUTSR). The timing between the
Capability
control outputs is adjustable with external resistors
that program internal precision timers. This controller
•
Precision 5V Reference
is designed for high-speed operation including an
•
Programmable Time Delays Between Outputs
oscillator frequency range up to 1 MHz and total
•
A 70% Maximum Duty Cycle
PWM propagation delays less than 50 ns. The
LM5027A includes a high-voltage startup regulator
with a maximum input voltage rating of 105V.
Additional
features
include
Line
Under
Voltage
Lockout (UVLO), separate soft-start of main and
synchronous rectifier outputs, a timer for hiccup mode
current limiting, a precision reference, and thermal
shutdown.
Packages
•
HTSSOP-20
•
WQFN-24
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM5027ASQ/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5027A NSC-LM5027A Datasheet
584Kb / 28P
Evaluation Board evaluation board is designed to provide
More results

Similar Description - LM5027ASQ/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5025 NSC-LM5025 Datasheet
316Kb / 16P
Active Clamp Voltage Mode PWM Controller
LM5025A NSC-LM5025A Datasheet
698Kb / 16P
Active Clamp Voltage Mode PWM Controller
LM5027 NSC-LM5027 Datasheet
552Kb / 26P
Voltage Mode Active Clamp Controller
LM5025C NSC-LM5025C Datasheet
378Kb / 16P
Active Clamp Voltage Mode PWM Controller
logo
Texas Instruments
LM5025D TI-LM5025D_15 Datasheet
709Kb / 31P
Active Clamp Voltage Mode PWM Controller
LM5025 TI-LM5025_15 Datasheet
1Mb / 23P
Active Clamp Voltage Mode PWM Controller
LM5025A TI-LM5025A_15 Datasheet
1Mb / 23P
Active Clamp Voltage Mode PWM Controller
LM5025 TI1-LM5025_16 Datasheet
1Mb / 32P
Active Clamp Voltage Mode PWM Controller
LM5025B TI1-LM5025B Datasheet
1Mb / 24P
Active Clamp Voltage Mode PWM Controller
LM5027 TI1-LM5027 Datasheet
1Mb / 35P
Voltage Mode Active Clamp Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com