Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8213 Datasheet(PDF) 9 Page - Nippon Precision Circuits Inc

Part # SM8213
Description  POCSAG Decoder For Multiframe Pagers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8213 Datasheet(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button SM8213 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 13Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
SM8213AM
NIPPON PRECISION CIRCUITS—9
Idle signal
In the POCSAG format, for pager systems that send
numeric data, the message information content var-
ies and as a result an idle signal or another address
signal is inserted after the message to indicate the
end of the message.
That is, if no address word or message word exists
for a frame within a batch or for a code word within
a frame, the idle pattern, shown in table 3, is trans-
mitted in its place. Then during message signal
reception, the message ends when the idle signal is
detected.
The SM8213AM supports 2 methods of determining
the end of message. Namely, a message ends when
either an idle signal or another address is received
(POCSAG format), or when an interrupt signal from
the CPU is received.
Receive signal duty factor
During preamble detection, the preamble pattern
(1,0) is recognized at duty factors from 25% (min) to
75% (max) of the (1,0) preamble cycle.
Error correction and detection
The SM8213AM performs error correction (or
detection) on each code word as described in table 4.
Note that there are 8 selectable error correction con-
ditions for the preamble pattern.
An error is deemed to have occurred when 2 or more
signal edges occur within 1-bit unit time, and a rate
error is deemed to have occurred when the number of
errors exceeds the counter value. Refer to the “Pre-
amble Mode” section for a discussion of the error
counter.
Table 3. Idle code format
Bit number
Bit value
Bit number
Bit value
Bit number
Bit value
Bit number
Bit value
1091
17
1
25
1
2
1
100181260
3
1
110190270
4
1
120200281
5
1
131210290
6
0
140220301
7
1
150230311
8
0
161241321
Table 4. Error correction
Item
Description
Preamble Pattern Detection
Selectable 1 to 8 rate errors in 6 to 544 bits
Synchronization Code word
Detection 2 random errors in 32 bits
Self Address Code word
Detection 2 random errors in 32 bits
Message Code word
1-bit and 2-bit burst errors in 31 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com