| Electronic Components Datasheet Search |
|
SM8213 Datasheet(PDF) 19 Page - Nippon Precision Circuits Inc |
|
|
|||||||||||||||||||||||||||||
SM8213 Datasheet(HTML) 19 Page - Nippon Precision Circuits Inc |
|
19 / 33 page ![]() SM8213AM NIPPON PRECISION CIRCUITS—19 Decoder Internal Status Transfer (SM8213AM to CPU) In the SM8213AM, the internal decoder status and parameter/address end-of-processing confirmation, is transmitted to the CPU. The microcontroller uses this status information only when needed. This is a 2-byte (16 bits) command where the first byte is a decoder set read command and the second byte is the decoder internal status that is sent to the microcontroller in sync with the SCK clock. The microcontroller can use this function when not receiving data from the decoder (when ATTN is HIGH only). Note the following points when setting the read com- mand: s When ATTN is HIGH After data is transferred and until ATTN goes LOW for the next transmit ready data signal, the series processing should be such that it takes less than {32 × (bit rate)} time. If it takes longer than this amount of time, the command setting may be delayed (relative to normal operation) when ATTN goes LOW. Note that during this time, there is no guarantee of data. When ATTN goes HIGH (excluding write mode), SCK is examined to determine if the signal is a break, back-up, write or read command. During mes- sage reception, ATTN is temporarily held HIGH if a command is issued to set ATTN LOW. This delay ensures that the data from the decoder is not misin- terpreted. And in this case, even if ATTN keeps LOW, transmitted receiving data is unstable. Figure 11. Internal status transfer timing ATTN SCK SDO SDI : 8-bit × 2-byte = 16-bit unit time clock : 8-bit × 1-byte = 8-bit unit time data : 8-bit × 1-byte = 8-bit unit time indeterminate data READ STATUS DATA Refer to the AC Characteristics section for detailed timing specifications. Indicates indeterminate data output. When the CPU interprets the internal status, these portions can be ignored (discarded). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |