Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8213 Datasheet(PDF) 22 Page - Nippon Precision Circuits Inc

Part # SM8213
Description  POCSAG Decoder For Multiframe Pagers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8213 Datasheet(HTML) 22 Page - Nippon Precision Circuits Inc

Back Button SM8213 Datasheet HTML 18Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 19Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 20Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 21Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 22Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 23Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 24Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 25Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 26Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
SM8213AM
NIPPON PRECISION CIRCUITS—22
Bit 11
CLKO clock output enable flag.
When 0, output is enabled.
When 1, output is disabled.
If CLKO clock output is not used, it can be useful in
preventing unwanted noise generation.
Bits 12 to 13
Receive bit rate set flags.
Bit 14
NRZ input signal polarity select flag.
When 0, normal logic is selected.
When 1, inverse logic is selected.
Bits 15 to 20
BS3 (PLL setup signal) setup time set flags.
“M” represents the value of PL5 (MSB) to PL0
(LSB) and is used to control the receive timing setup
time before BS3 rising edge. The setup time is
1.953M ms (0.833M ms) [0.417M ms]. The valid
values are from 2 to 62 (61 steps). Note that 3FH is
an invalid setting.
Bits 21 to 26
BS1 (RF control main output signal) setup time set
flags.
“N” represents the value of RF5 (MSB) to RF0
(LSB) and is used to control the receive timing setup
time before BS3 rising edge. The setup time is
1.953N ms (0.833N ms) [0.417N ms]. The valid val-
ues are from 2 to 62 (61 steps). Note that 3EH and
3FH are invalid settings.
Note also that the setup times should be set such that
(BS3 rising-edge setup time) > (BS1 rising-edge
setup time).
Bit 27
NRZ signal input noise canceller filter ON/OFF flag.
When 0, filter is OFF.
When 1, filter is ON.
Bits 28 to 29
These bits set the noise canceller filter on-state
(strength) when the filter is turned ON using bit 27.
Bits 30 to 32
Preamble mode rate error detection condition set
flags.
In preamble mode, under worst-case reception con-
ditions, a single standard is used when distinguishing
between noise and preamble to detect rate errors.
These flags determine the rate error detection stan-
dard. The error counter value (number of permissible
rate errors) can be selected from the range 1 to 8.
BRS1
BRS0
Reception bit rate
0
0
512 bps
0
1
1200 bps
1
0
2400 bps
1
1
Can't accept
FILTER 1
FILTER 0
Filter strength1
1. Filter ON-state strength: 1 < 2 < 3 < 4
0
0
Filter strength 1
0
1
Filter strength 2
1
0
Filter strength 3
1
1
Filter strength 4
ER 2
ER 1
ER 0
Threshold
0
0
0
Count = 1
0
0
1
Count = 2
0
1
0
Count = 3
0
1
1
Count = 4
1
0
0
Count = 5
1
0
1
Count = 6
1
1
0
Count = 7
1
1
1
Count = 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com