Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8213 Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM8213
Description  POCSAG Decoder For Multiframe Pagers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8213 Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM8213 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
SM8213AM
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
POCSAG Decoder For Multiframe Pagers
OVERVIEW
The SM8213AM is a POCSAG-standard (Post
Office Code Standardization Advisory Group) signal
processor LSI, which conforms to CCIR recommen-
dation 584 concerning standard international wire-
less calling codes.
The SM8213AM supports call messages in either
tone, numerical or character outputs at signal speeds
of 512, 1200 or 2400 bps. The signal input stage fea-
tures a built-in filter.
Each of the addresses (max. 7 + 1 dummy = 8) can
be assigned to any frame, which also makes the
device configurable for many additional services.
Each address can be independently set to ON/OFF.
Furthermore, built-in buffer memory means decoded
information can be fetched in sync with the micro-
controller clock, thereby reducing the microcontrol-
ler CPU time required. Intermittent-duty method
(battery saving (BS) method) control signals, com-
patible with PLL operation, and Molybdenum-gate
CMOS structure makes possible the construction of
low-voltage operation, low power dissipation sys-
tems.
The SM8213AM is available in 16-pin SSOPs.
FEATURES
s
Conforms to POCSAG standard for pagers
s
512, 1200 or 2400 bps signal speed
s
Multiframe compatible (each address individually
controllable)
s
8 addresses
× 4 sub-addresses (total of 32
addresses) control
(8 addresses comprise 7 actual addresses + 1
dummy address)
s
Built-in buffer memory (1 code word)
s
Supports tone, numeric or character call messages
s
Built-in input signal filter, with filter ON/OFF and
4 selectable filter characteristics
s
PLL-compatible battery saving method (BS1,
BS2, BS3 outputs)
s
BS1 (RF control main output signal) 61-step setup
time setting
s
BS3 (PLL setup signal) 61-step setup time setting
s
BS2 (RF DC-level adjustment signal) before/dur-
ing reception selectable adjustment timing
s
1-bit and 2-bit burst error auto-correction function
s
25 to 75% duty factor signal coverage
s
8 rate error detection condition settings
s
76.8 kHz system clock (crystal oscillator)
s
76.8 or 38.4 kHz clock output pin
s
Built-in oscillator capacitor and feedback resistor
s
2.0 to 3.5 V operating supply voltage
s
Molybdenum-gate CMOS process realizes low
power dissipation
s
16-pin SSOP
PINOUT
Top View
PACKAGE DIMENSIONS
Unit: mm
ATTN
BS1
BS2
BS3
VDD
SDI
SDO
SCK
XVSS
XT
XTN
AREA
CLKO
VSS
SIGNAL
RSTN
1
8
9
16
0.6TYP
6.8 0.3
0.8
0.36 0.1
0.4 0.2
010
0.15
+ 0.10
- 0.05


Similar Part No. - SM8213

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8210 NPC-SM8210 Datasheet
625Kb / 18P
Signal Processor for Paging Receivers
SM8210S NPC-SM8210S Datasheet
625Kb / 18P
Signal Processor for Paging Receivers
SM8211M NPC-SM8211M Datasheet
145Kb / 22P
POCSAG Decoder For Pagers
SM8212 NPC-SM8212 Datasheet
167Kb / 32P
POCSAG Decoder For Multiframe Pagers
SM8212B NPC-SM8212B Datasheet
167Kb / 32P
POCSAG Decoder For Multiframe Pagers
More results

Similar Description - SM8213

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8211M NPC-SM8211M Datasheet
145Kb / 22P
POCSAG Decoder For Pagers
SM8212B NPC-SM8212B Datasheet
167Kb / 32P
POCSAG Decoder For Multiframe Pagers
logo
NXP Semiconductors
PCD5002A PHILIPS-PCD5002A Datasheet
252Kb / 48P
Enhanced Pager Decoder for APOC1/POCSAG
1999 Jan 08
PCD5003 PHILIPS-PCD5003 Datasheet
187Kb / 44P
Advanced POCSAG Paging Decoder
1997 Jun 24
PCD5003A PHILIPS-PCD5003A Datasheet
233Kb / 44P
Enhanced Pager Decoder for POCSAG
1999 Jan 08
PCF5001 PHILIPS-PCF5001 Datasheet
273Kb / 44P
POCSAG Paging Decoder
1997 Mar 04
logo
Seiko Instruments Inc
S-7038AF SII-S-7038AF Datasheet
1Mb / 31P
PAGING DECODER IC (POCSAG)
S-7040D SII-S-7040D Datasheet
1Mb / 25P
PAGING DECODER IC (POCSAG)
logo
List of Unclassifed Man...
FX013 ETC-FX013 Datasheet
225Kb / 6P
HSC TONE DECODER FOR PAGERS
logo
CML Microcircuits
FX013 CMLMICRO-FX013 Datasheet
229Kb / 6P
HSC Tone Decoder for pagers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com