Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8213 Datasheet(PDF) 11 Page - Nippon Precision Circuits Inc

Part # SM8213
Description  POCSAG Decoder For Multiframe Pagers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8213 Datasheet(HTML) 11 Page - Nippon Precision Circuits Inc

Back Button SM8213 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 13Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 14Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 15Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
SM8213AM
NIPPON PRECISION CIRCUITS—11
Operating Modes
The SM8213AM has four operating modes—Power-
ON (Write), Preamble, Idle and Lock modes.
Power-ON mode
After power is applied, the internal registers should
be reset using RSTN.
When ATTN goes HIGH, the decoder sends a write
request for a decoder set read command and then
waits for the microcontroller (decoder set write com-
mand timing starts approximately 50 ms after reset,
but you should allow at least 900 ms for the oscilla-
tor internal to start and stabilize). The internal opera-
tion in write mode takes place at the same timing as
for 1200 bps speed mode.
Write data is prepared in 32-bit batches of 1 parame-
ter batch and 8 address data batches for a total of 9
batches.
Ensure that there are not multiple writes requests to
turn ON the same address. Also, allow a minimum of
1.67 ms after transferring each command or data
before issuing the next processing command.
The parameter and address set commands are pro-
cessed in sync with the decoder internal clock (1200
Hz). As a consequence, a gap of 28.4 ms minimum
should be left between batches to provide time for
processing. Alternatively, data can be written by first
using the decoder set read command to confirm
whether or not processing is still in progress (BUSY)
before writing each batch. If the time gap is 28.4 ms
or greater, confirmation (READY) is not required.
After parameters and all addresses have been written
and after decoder processing, the decoder set start
command transfers operation from write mode and
starts preamble mode operation.
When setting parameters and addresses in write
mode, the SCK clock frequency should not be less
than 1200 Hz. If this occurs, the SCK counter is rein-
itialized. This function, however, does make restor-
ing operation easy even if this or another clock is
accidentally input.
In write mode, after power is applied and after reset
initialization, all 9 batches (1 parameter and 8
address batches) should be set. If not all batches are
set, subsequent operation may become unstable.
Figure 4. Power-ON mode timing
BUSY
RSTN
SCK
SDI
SDO
BUSY
WRITE MODE
PREAMBLE MODE
: 8-bit unit time data
: 8-bit unit time clock
: 8-bit unit time indeterminate data
DA T
A
DA T
A
READ
READY
START
READ
DA T
A
: 32-bit unit time parameter/address data
READY
READ
Refer to the AC Characteristics section for detailed timing specifications.
max.
28.4ms
1 ms min
max 900ms
129ms max
129ms max
max.
1.67ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com