Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8213 Datasheet(PDF) 17 Page - Nippon Precision Circuits Inc

Part # SM8213
Description  POCSAG Decoder For Multiframe Pagers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8213 Datasheet(HTML) 17 Page - Nippon Precision Circuits Inc

Back Button SM8213 Datasheet HTML 13Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 14Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 15Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 16Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 17Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 18Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 19Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 20Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 21Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
SM8213AM
NIPPON PRECISION CIRCUITS—17
Decoder Set Command Transfer (CPU to SM8213AM)
In the SM8213AM, the Break, Back-up, Write, BS-
test, Start and End auxiliary modes are control sig-
nals from the CPU. These modes are set by data writ-
ten on SDI in sync with the SCK clock (see
“Data/Flags” section).
Allow a minimum of 1.67 ms after transferring each
command or data before issuing the next processing
command in write mode. In other modes, allow a
minimum of 4.0 (1.67) [0.9] ms.
When sending data from the decoder to the micro-
controller, the SCK clock frequency should not be
less than 1200 Hz when in write mode. In other
modes, the frequency should not be less than 512
(1200) [2400] Hz. If this occurs, the SCK counter is
reinitialized. This function, however, does make
restoring operation easy even if this or another clock
is accidentally input. Note that read mode function is
described in the “Decoder Internal Status Transfer”
section.
Break
This is the interrupt command to stop reception and
data transfer. When the Break command is detected,
the received code word ends and reception stops,
then the device waits for self frame address detection
or sync code detection timing. Reception may con-
tinue for up to 32-bit units of time after the Break
command is received (or 34-bit time after the Break
command is sent).
Even though message reception may continue for a
short time when the Break command is sent, sync
code detection does not take place and accordingly
the received data may be deemed to have many
errors.
Also, when CPU BREAK input interrupt end-of-
message method only is selected, message reception
continues even if an address code or an idle code is
present, as long as the Break command is not issued.
The time required from when the Break command is
issued until received data is output can be approxi-
mately 2 to 3 code words at internal sync speed. Dur-
ing this interval, 32 clock cycles are sent to the
decoder while ATTN is LOW, and processing should
be performed just as for normal operation. If no pro-
cessing is performed, subsequent operation may
become unstable.
Back-up (Power save control)
This is the decoder OFF mode command. This com-
mand stops all internal operation except the oscilla-
tor, and thus is used to control current consumption.
(the decoder internal status is write mode).
Note that in back-up mode, the input/output pins do
not become high impedance.
Back-up mode is released and operation restarts
when the decoder set start command is issued. All
parameter and address information is retained during
back-up, so operation starts directly from preamble
mode.
Write
This is the parameter and address write command.
This operation mode can also be used to modify
parameters and addresses. Write mode can be acti-
vated from BS-test mode, and also approximately 50
ms after reset, but you should allow at least 900 ms
for the oscillator internal to start and stabilize.
Parameters and addresses can be changed by first
issuing a decoder set command to enter write mode
and then writing new parameters and addresses. Note
that in write mode, all internal operation takes place
with the same timing as for 1200 bps speed mode.
BS1, BS2 and BS3 are held LOW.
Each of the addresses can be turned ON/OFF,
according to flag settings in the data written. Using
this feature for a specific address in a pager allows
the service provider, by prior agreement, to prohibit
improper use of the pager delivery service (exclud-
ing delivery testing, stopping subsidiary services and
similar functions).
In the SM8213AM, data writes from the microcon-
troller have priority, even if a received information
transmit ready signal (ATTN = LOW) is present
(forced write).
When reception from the decoder RF stage has prior-
ity, operation switches to write mode after the end-
of-message is confirmed by monitoring the internal
operation using the read command. Then the param-
eter set commands and address set commands are
written.
After writing, write mode is released using the
decoder set start command, and operation starts from
preamble mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com