Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV342MM Datasheet(PDF) 3 Page - Texas Instruments

Part # LMV342MM
Description  Shutdown/Dual/Quad General Purpose
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV342MM Datasheet(HTML) 3 Page - Texas Instruments

  LMV342MM Datasheet HTML 1Page - Texas Instruments LMV342MM Datasheet HTML 2Page - Texas Instruments LMV342MM Datasheet HTML 3Page - Texas Instruments LMV342MM Datasheet HTML 4Page - Texas Instruments LMV342MM Datasheet HTML 5Page - Texas Instruments LMV342MM Datasheet HTML 6Page - Texas Instruments LMV342MM Datasheet HTML 7Page - Texas Instruments LMV342MM Datasheet HTML 8Page - Texas Instruments LMV342MM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LMV341-N, LMV342-N, LMV344-N
www.ti.com
SNOS990G – APRIL 2002 – REVISED MARCH 2013
2.7V DC Electrical Characteristics
(1)
Unless otherwise specified, all limits specified for TJ = 25°C, V
+ = 2.7V, V− = 0V, V
CM = V
+/2, V
O = V
+/2 and R
L > 1MΩ.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(2)
(3)
(2)
VOS
Input Offset Voltage
LMV341-N
0.25
4
4.5
mV
LMV342-N/LMV344-N
0.55
5
5.5
TCVOS
Input Offset Voltage Average
1.7
µV/°C
Drift
IB
Input Bias Current
0.02
120
pA
250
IOS
Input Offset Current
6.6
fA
IS
Supply Current
Per Amplifier
100
170
μA
230
Shutdown Mode, VSD = 0V
45pA
1
μA
(LMV341-N)
1.5
μA
CMRR
Common Mode Rejection Ratio
0V
≤ VCM ≤ 1.7V
56
80
dB
0V
≤ VCM ≤ 1.6V
50
PSRR
Power Supply Rejection Ratio
2.7V
≤ V+ ≤ 5V
65
82
dB
60
VCM
Input Common Mode Voltage
For CMRR
≥ 50dB
0
−0.2 to 1.9
1.7
V
(Range)
AV
Large Signal Voltage Gain
RL = 10kΩ to 1.35V
78
113
70
dB
RL = 2kΩ to 1.35V
72
103
64
VO
Output Swing
RL = 2kΩ to 1.35V
24
60
95
60
26
95
mV
RL = 10kΩ to 1.35V
5.0
30
40
30
5.3
40
IO
Output Short Circuit Current
Sourcing
20
32
LMV341-N/LMV342-N
Sourcing
18
24
mA
LMV344-N
Sinking
15
24
ton
Turn-on Time from Shutdown
(LMV341-N)
5
μs
VSD
Shutdown Pin Voltage Range
ON Mode (LMV341-N)
1.7 to 2.7
2.4 to 2.7
V
Shutdown Mode (LMV341-N)
0 to 1
0 to 0.8
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables under
conditions of internal self heating where TJ > TA.
(2)
All limits are specified by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMV341-N LMV342-N LMV344-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com