Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV342MM Datasheet(PDF) 4 Page - Texas Instruments

Part # LMV342MM
Description  Shutdown/Dual/Quad General Purpose
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV342MM Datasheet(HTML) 4 Page - Texas Instruments

  LMV342MM Datasheet HTML 1Page - Texas Instruments LMV342MM Datasheet HTML 2Page - Texas Instruments LMV342MM Datasheet HTML 3Page - Texas Instruments LMV342MM Datasheet HTML 4Page - Texas Instruments LMV342MM Datasheet HTML 5Page - Texas Instruments LMV342MM Datasheet HTML 6Page - Texas Instruments LMV342MM Datasheet HTML 7Page - Texas Instruments LMV342MM Datasheet HTML 8Page - Texas Instruments LMV342MM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LMV341-N, LMV342-N, LMV344-N
SNOS990G – APRIL 2002 – REVISED MARCH 2013
www.ti.com
2.7V AC Electrical Characteristics
(1)
Unless otherwise specified, all limits specified for TJ = 25°C, V
+ = 2.7V, V− = 0V, V
CM = V
+/2, V
O = V
+/2 and R
L > 1MΩ.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(2)
(3)
(2)
SR
Slew Rate
RL = 10kΩ
(4)
1.0
V/
μs
GBW
Gain Bandwidth Product
RL = 100kΩ, CL = 200pF
1.0
MHz
Φm
Phase Margin
RL = 100kΩ
72
deg
Gm
Gain Margin
RL = 100kΩ
20
dB
en
Input-Referred Voltage Noise
f = 1kHz
40
nV/
√Hz
in
Input-Referred Current Noise
f = 1kHz
0.001
pA/
√Hz
THD
Total Harmonic Distortion
f = 1kHz, AV = +1
0.017
%
RL = 600Ω, VIN = 1VPP
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables under
conditions of internal self heating where TJ > TA.
(2)
All limits are specified by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(4)
Connected as voltage follower with 2VPP step input. Number specified is the slower of the positive and negative slew rates.
5V DC Electrical Characteristics
(1)
Unless otherwise specified, all limits specified for TJ = 25°C, V
+ = 5V, V− = 0V, V
CM = V
+/2, V
O = V
+/2 and R
L > 1MΩ.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(2)
(3)
(2)
VOS
Input Offset Voltage
LMV341-N
0.025
4
4.5
mV
LMV342-N/LMV344-N
0.70
5
5.5
TCVOS
Input Offset Voltage Average
1.9
µV/°C
Drift
IB
Input Bias Current
0.02
200
pA
375
IOS
Input Offset Current
6.6
fA
IS
Supply Current
Per Amplifier
107
200
μA
260
Shutdown Mode, VSD = 0V
0.033
1
μA
(LMV341-N)
1.5
CMRR
Common Mode Rejection Ratio
0V
≤ VCM ≤ 4.0V
56
86
dB
0V
≤ VCM ≤ 3.9V
50
PSRR
Power Supply Rejection Ratio
2.7V
≤ V+ ≤ 5V
65
82
dB
60
VCM
Input Common Mode Voltage
For CMRR
≥ 50dB
0
−0.2 to 4.2
4
V
(Range)
AV
Large Signal Voltage Gain(4)
RL = 10kΩ to 2.5V
78
116
70
dB
RL = 2kΩ to 2.5V
72
107
64
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables under
conditions of internal self heating where TJ > TA.
(2)
All limits are specified by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(4)
RL is connected to mid-supply. The output voltage is GND + 0.2V ≤ VO ≤ V
+ −0.2V
4
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LMV341-N LMV342-N LMV344-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com