Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV342MM Datasheet(PDF) 11 Page - Texas Instruments

Part # LMV342MM
Description  Shutdown/Dual/Quad General Purpose
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV342MM Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMV342MM Datasheet HTML 7Page - Texas Instruments LMV342MM Datasheet HTML 8Page - Texas Instruments LMV342MM Datasheet HTML 9Page - Texas Instruments LMV342MM Datasheet HTML 10Page - Texas Instruments LMV342MM Datasheet HTML 11Page - Texas Instruments LMV342MM Datasheet HTML 12Page - Texas Instruments LMV342MM Datasheet HTML 13Page - Texas Instruments LMV342MM Datasheet HTML 14Page - Texas Instruments LMV342MM Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
TIME (4 Ps/div)
TA = 25°C
RL = 2k:
VS = ±2.5V
TIME (4 Ps/div)
TA = 125°C
RL = 2k:
VS = ±2.5V
TIME (4 Ps/div)
TA = -40°C
RL = 2k:
VS = ±2.5V
TIME (4 Ps/div)
TA = 25°C
RL = 2k:
VS = ±2.5V
TIME (4 Ps/div)
TA = 125°C
RL = 2k:
VS = ±2.5V
TIME (4 Ps/div)
TA = -40°C
RL = 2k:
VS = ±2.5V
LMV341-N, LMV342-N, LMV344-N
www.ti.com
SNOS990G – APRIL 2002 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Non-Inverting Large Signal Pulse Response
Non-Inverting Small Signal Pulse Response
Figure 34.
Figure 35.
Non-Inverting Large Signal Pulse Response
Inverting Small Signal Pulse Response
Figure 36.
Figure 37.
Inverting Large Signal Pulse Response
Inverting Small Signal Pulse Response
Figure 38.
Figure 39.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMV341-N LMV342-N LMV344-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com