Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV342MM Datasheet(PDF) 7 Page - Texas Instruments

Part # LMV342MM
Description  Shutdown/Dual/Quad General Purpose
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV342MM Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMV342MM Datasheet HTML 3Page - Texas Instruments LMV342MM Datasheet HTML 4Page - Texas Instruments LMV342MM Datasheet HTML 5Page - Texas Instruments LMV342MM Datasheet HTML 6Page - Texas Instruments LMV342MM Datasheet HTML 7Page - Texas Instruments LMV342MM Datasheet HTML 8Page - Texas Instruments LMV342MM Datasheet HTML 9Page - Texas Instruments LMV342MM Datasheet HTML 10Page - Texas Instruments LMV342MM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
-1.5
-1
-0.5
0
0.5
1
1.5
OUTPUT VOLTAGE (V)
-300
-200
-100
0
100
200
300
VS = ±1.35V
RL = 10 k:
RL = 2 k:
-3
-2
-1
0
1
2
3
OUTPUT VOLTAGE (V)
-300
-200
-100
0
100
200
300
VS = ±2.5V
RL = 10 k:
RL = 2 k:
-0.2
0.5
1
1.5
2
2.5
3
3.5
4
4.5
VCM (V)
0
0.5
1
1.5
2
2.5
3
VS = 5V
-40°C
25°C
85°C
125°C
-0.2
0.3
0.8
1.3
1.8
2.3
0
0.5
1
1.5
2
2.5
3
VCM (V)
VS = 2.7V
125°C
85°C
25°C
-40°C
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
10
100
OUTPUT VOLTAGE REFERENCED TO V
-
(V)
VS = 2.7V
-40°C
25°C
125°C
85°C
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
OUTPUT VOLTAGE REFERENCED TO V
-
(V)
VS = 5V
125°C
25°C
85°C
-40°C
LMV341-N, LMV342-N, LMV344-N
www.ti.com
SNOS990G – APRIL 2002 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
ISINK vs. VOUT
ISINK vs. VOUT
Figure 10.
Figure 11.
VOS vs. VCM
VOS vs. VCM
Figure 12.
Figure 13.
VIN vs. VOUT
VIN vs. VOUT
Figure 14.
Figure 15.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMV341-N LMV342-N LMV344-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com