Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV342MM Datasheet(PDF) 5 Page - Texas Instruments

Part # LMV342MM
Description  Shutdown/Dual/Quad General Purpose
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV342MM Datasheet(HTML) 5 Page - Texas Instruments

  LMV342MM Datasheet HTML 1Page - Texas Instruments LMV342MM Datasheet HTML 2Page - Texas Instruments LMV342MM Datasheet HTML 3Page - Texas Instruments LMV342MM Datasheet HTML 4Page - Texas Instruments LMV342MM Datasheet HTML 5Page - Texas Instruments LMV342MM Datasheet HTML 6Page - Texas Instruments LMV342MM Datasheet HTML 7Page - Texas Instruments LMV342MM Datasheet HTML 8Page - Texas Instruments LMV342MM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
1
2
3
+IN
GND
-IN
6
5
4
V
+
OUT
SHDN
LMV341-N, LMV342-N, LMV344-N
www.ti.com
SNOS990G – APRIL 2002 – REVISED MARCH 2013
5V DC Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits specified for TJ = 25°C, V
+ = 5V, V− = 0V, V
CM = V
+/2, V
O = V
+/2 and R
L > 1MΩ.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(2)
(3)
(2)
VO
Output Swing
RL = 2kΩ to 2.5V
32
60
95
mV
60
34
95
RL = 10kΩ to 2.5V
7
30
40
mV
30
7
40
IO
Output Short Circuit Current
Sourcing
85
113
mA
Sinking
50
75
ton
Turn-on Time from Shutdown
(LMV341-N)
5
µs
VSD
Shutdown Pin Voltage Range
ON Mode (LMV341-N)
3.1 to 5
4.5 to 5.0
V
Shutdown Mode (LMV341-N)
0 to 1
0 to 0.8
5V AC Electrical Characteristics
(1)
Unless otherwise specified, all limits specified for TJ = 25°C, V
+ = 5V, V− = 0V, V
CM = V
+/2, V
O = V
+/2 and R
L > 1MΩ.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(2)
(3)
(2)
SR
Slew Rate
RL = 10kΩ
(4)
1.0
V/µs
GBW
Gain-Bandwidth Product
RL = 10kΩ, CL = 200pF
1.0
MHz
Φm
Phase Margin
RL = 100kΩ
70
deg
Gm
Gain Margin
RL = 100kΩ
20
dB
en
Input-Referred Voltage Noise
f = 1kHz
39
nV/
√Hz
in
Input-Referred Current Noise
f = 1kHz
0.001
pA/
√Hz
THD
Total Harmonic Distortion
f = 1kHz, AV = +1
0.012
%
RL = 600Ω, VIN = 1VPP
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables under
conditions of internal self heating where TJ > TA.
(2)
All limits are specified by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(4)
Connected as voltage follower with 2VPP step input. Number specified is the slower of the positive and negative slew rates.
Connection Diagram
Figure 1. 6-Pin SC70
Figure 2. 8-Pin VSSOP/SOIC
Figure 3. 14-Pin TSSOP/SOIC
Top View
Package Number DGK/D
Package Number PW/D
Top View
Top View
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMV341-N LMV342-N LMV344-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com