Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV342MM Datasheet(PDF) 1 Page - Texas Instruments

Part # LMV342MM
Description  Shutdown/Dual/Quad General Purpose
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV342MM Datasheet(HTML) 1 Page - Texas Instruments

  LMV342MM Datasheet HTML 1Page - Texas Instruments LMV342MM Datasheet HTML 2Page - Texas Instruments LMV342MM Datasheet HTML 3Page - Texas Instruments LMV342MM Datasheet HTML 4Page - Texas Instruments LMV342MM Datasheet HTML 5Page - Texas Instruments LMV342MM Datasheet HTML 6Page - Texas Instruments LMV342MM Datasheet HTML 7Page - Texas Instruments LMV342MM Datasheet HTML 8Page - Texas Instruments LMV342MM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
VIN
VOUT
V
+
+
-
+
-
V
+
C = 200pF
SAMPLE
CLOCK
LMV341-N, LMV342-N, LMV344-N
www.ti.com
SNOS990G – APRIL 2002 – REVISED MARCH 2013
LMV341-N/LMV342-N/LMV344-N Single with Shutdown/Dual/Quad General Purpose, 2.7V,
Rail-to-Rail Output, 125°C, Operational Amplifiers
Check for Samples: LMV341-N, LMV342-N, LMV344-N
1
FEATURES
DESCRIPTION
The
LMV341-N/LMV342-N/LMV344-N
are
single,
2
(Typical 2.7V Supply Values; Unless Otherwise
dual, and quad low voltage, low power Operational
Noted)
Amplifiers. They are designed specifically for low
•
Ensured 2.7V and 5V Specifications
voltage portable applications. Other important product
•
Input Referred Voltage Noise (@ 10kHz)
characteristics are low input bias current, rail-to-rail
output, and wide temperature range.
29nV/
√Hz
•
Supply Current (per Amplifier) 100
μA
The patented class AB turnaround stage significantly
reduces the noise at higher frequencies, power
•
Gain Bandwidth Product 1.0MHz
consumption, and offset voltage. The PMOS input
•
Slew Rate 1.0V/
μs
stage provides the user with ultra-low input bias
•
Shutdown Current (LMV341-N) 45pA
current of 20fA (typical) and high input impedance.
•
Turn-On Time from Shutdown (LMV341-N) 5
μs
The industrial-plus temperature range of
−40°C to
•
Input Bias Current 20fA
125°C allows the LMV341-N/LMV342-N/LMV344-N to
accommodate
a
broad
range
of
extended
APPLICATIONS
environment applications. LMV341-N expands Texas
Instrument's Silicon Dust amplifier portfolio offering
•
Cordless/Cellular Phones
enhancements in size, speed, and power savings.
•
Laptops
The LMV341-N/LMV342-N/LMV344-N are specified
to operate over the voltage range of 2.7V to 5.5V and
•
PDAs
all have rail-to-rail output.
•
PCMCIA/Audio
The LMV341-N offers a shutdown pin that can be
•
Portable/Battery-Powered Electronic
used to disable the device. Once in shutdown mode,
Equipment
the supply current is reduced to 45pA (typical). The
•
Supply Current Monitoring
LMV341-N/LMV342-N/LMV344-N have 29nV Voltage
•
Battery Monitoring
Noise at 10KHz, 1MHz GBW, 1.0V/
μs Slew Rate,
0.25mVos, and 0.1
μA shutdown current (LMV341-N.)
•
Buffer
•
Filter
The LMV341-N is offered in the tiny 6-Pin SC70
package, the LMV342-N in space saving 8-Pin
•
Driver
VSSOP and SOIC, and the LMV344-N in 14-Pin
TSSOP and SOIC. These small package amplifiers
offer an ideal solution for applications requiring
minimum PC board footprint. Applications with area
constrained PC board requirements include portable
electronics such as cellular handsets and PDAs.
Sample and Hold Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMV342MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV342MM NSC-LMV342MM Datasheet
694Kb / 17P
Single with Shutdown/Dual/Quad General Purpose, 2.7V, Rail-to-Rail Output, 125째C, Operational Amplifiers
logo
Texas Instruments
LMV342MM TI1-LMV342MM Datasheet
1Mb / 20P
Single with Shutdown/Dual/Quad General Purpose, 2.7V,Rail-to-Rail Output, 125C, Operational Amplifiers
LMV342MM/NOPB TI1-LMV342MM/NOPB Datasheet
1Mb / 35P
Single Rain-to-Rail Output CMOS Operation Amplifier With Shutdown
logo
National Semiconductor ...
LMV342MMNOPB NSC-LMV342MMNOPB Datasheet
1Mb / 28P
Single with Shutdown/Dual/Quad General Purpose, 2.7V,Rail-to-Rail Output, 125째C, Operational Amplifiers
LMV342MMX NSC-LMV342MMX Datasheet
694Kb / 17P
Single with Shutdown/Dual/Quad General Purpose, 2.7V, Rail-to-Rail Output, 125째C, Operational Amplifiers
More results

Similar Description - LMV342MM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMPQ2222 MOTOROLA-MMPQ2222 Datasheet
108Kb / 4P
Quad General Purpose Transistors
logo
National Semiconductor ...
LMV341 NSC-LMV341 Datasheet
694Kb / 17P
Single with Shutdown/Dual/Quad General Purpose, 2.7V, Rail-to-Rail Output, 125째C, Operational Amplifiers
logo
ON Semiconductor
NST3906DP6T5G ONSEMI-NST3906DP6T5G Datasheet
101Kb / 4P
Dual General Purpose Dual General Purpose
April, 2008 ??Rev. 0
LMV331 ONSEMI-LMV331 Datasheet
916Kb / 21P
Single, Dual, Quad General Purpose, Low Voltage Comparators
October, 2009 ??Rev. 3
logo
Texas Instruments
LMV341 TI1-LMV341 Datasheet
1Mb / 20P
Single with Shutdown/Dual/Quad General Purpose, 2.7V,Rail-to-Rail Output, 125C, Operational Amplifiers
logo
Maxim Integrated Produc...
MAX9092 MAXIM-MAX9092 Datasheet
1Mb / 11P
General-Purpose, Low-Voltage, Dual/Quad, Tiny Pack Comparators
Rev 0; 7/12
logo
National Semiconductor ...
LMV341-N NSC-LMV341-N Datasheet
1Mb / 28P
Single with Shutdown/Dual/Quad General Purpose, 2.7V,Rail-to-Rail Output, 125째C, Operational Amplifiers
logo
ON Semiconductor
LMV331 ONSEMI-LMV331_14 Datasheet
842Kb / 19P
Single, Dual, Quad General Purpose, Low Voltage Comparators
November, 2014 ??Rev. 7
logo
Renesas Technology Corp
ISL28113 RENESAS-ISL28113 Datasheet
1Mb / 23P
Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
logo
ON Semiconductor
LMV331 ONSEMI-LMV331_17 Datasheet
845Kb / 20P
Single, Dual, Quad General Purpose, Low Voltage Comparators
June, 2017 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com