Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCT855CS Datasheet(PDF) 5 Page - JIEJIE MICROELECTRONICS CO.,Ltd

Part # JCT855CS
Description  55A SCRs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

JCT855CS Datasheet(HTML) 5 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  JCT855CS Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT855CS Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT855CS Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT855CS Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT855CS Datasheet HTML 5Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
JCT655/855 Series
JieJie Microelectronics CO. , Ltd
TEL:+86-513-83639777
- 5 / 5-
http://www.jjwdz.com
FIG.6: Relative variations of gate trigger
current, holding current and latching current
versus junction temperature
FIG.5: Non-repetitive surge peak on-state current
for a sinusoidal pulse with width tp<10ms, and
corresponging value of I t (dI/dt < 150A/
μs)
tp(ms)
0.01
0.1
1
10
10
ITSM (A), I t (A s)
-40
-20
0
20
40
60
80
100
120
140
IGT,IH,IL(Tj)/IGT,IH,IL(Tj=25℃)
0.0
0.5
1.5
2.0
3.0
2
2
2
1.0
2.5
Tj(℃)
1000
5000
100
dI/dt
ITSM
I t
2
IH&IL
IGT
Information furnished in this document is believed to be accurate and reliable.
However, Jiangsu JieJie Microelectronics Co.,Ltd assumes no responsibility for the
consequences of use without consideration for such information nor use beyond it.
Information mentioned in this document is subject to change without notice, apart
from that when an agreement is signed, Jiangsu JieJie complies with the agreement.
Products and information provided in this document have no infringement of patents.
Jiangsu JieJie assumes no responsibility for any infringement of other rights of third
parties which may result from the use of such products and information.
This document is the third version which is made in 6-June-2015. This document
supersedes and replaces all information previously supplied.
is a registered trademark of Jiangsu JieJie Microelectronics Co.,Ltd.
Copyright
© 2015 Jiangsu JieJie Microelectronics Co.,Ltd. Printed All rights reserved.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com