Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCT855CS Datasheet(PDF) 1 Page - JIEJIE MICROELECTRONICS CO.,Ltd

Part # JCT855CS
Description  55A SCRs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

JCT855CS Datasheet(HTML) 1 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  JCT855CS Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT855CS Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT855CS Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT855CS Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT855CS Datasheet HTML 5Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
JIEJIE MICROELECTRONICS CO. , Ltd
TEL:+86-513-83639777
- 1 / 5-
http://www.jjwdz.com
JCT655/855 Series
55A SCRs
Rev.3.0
DESCRIPTION:
JCT655/855 series of silicon controlled rectifiers,
with high ability to withstand the shock loading of
large current, provide high dv/dt rate with strong
resistance to electromagnetic interference. They
are especially recommended for use on solid state
relay, motorcycle, power charger, T-tools etc.
JCTx55Z provides insulation voltage rated at 2500V
RMS from all three terminals to external heatsink
complying with UL standards (File ref: E252906).
MAIN FEATURES
Symbol
JCT655
JCT855
VDRM/ VRRM
600V
800V
IT(RMS)
55A
IGT
10 - 50 mA
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Storage junction temperature range
Tstg
-40-150
℃
Operating junction temperature range
Tj
-40-125
℃
Repetitive peak off-state voltage(Tj=25℃)
VDRM
600/800
V
Repetitive peak reverse voltage(Tj=25℃)
VRRM
600/800
V
Non repetitive surge peak Off-state voltage
VDSM
VDRM +100
V
Non repetitive peak reverse voltage
VRSM
VRRM +100
V
RMS on-state current
TO-3P(Ins)
(TC=80℃)
IT(RMS)
55
A
TO-247S /TO-247
(TC=83℃)
Non repetitive surge peak on-state current
(tp=10ms)
ITSM
520
A
I
2t value for fusing (tp=10ms)
I
2t
1350
A
2s
TO-247S
TO-247
K(1)
G(3)
A(2)
TO-3P
Insulated
1
2
3
1
1
2
2
3
3


Similar Part No. - JCT855CS

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
JCT810A JIEJIE-JCT810A Datasheet
397Kb / 6P
10A SCRs
JCT810B JIEJIE-JCT810B Datasheet
397Kb / 6P
10A SCRs
JCT810F JIEJIE-JCT810F Datasheet
397Kb / 6P
10A SCRs
JCT810H JIEJIE-JCT810H Datasheet
397Kb / 6P
10A SCRs
JCT816 JIEJIE-JCT816 Datasheet
381Kb / 6P
16A SCRs
Rev.3.0
More results

Similar Description - JCT855CS

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N4167 CENTRAL-2N4167 Datasheet
57Kb / 1P
SCRs
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
SCRs
logo
Unisonic Technologies
BT151 UTC-BT151_10 Datasheet
211Kb / 5P
SCRS
logo
JIEJIE MICROELECTRONICS...
JCT6055 JIEJIE-JCT6055 Datasheet
408Kb / 3P
55A SCRs
logo
Nell Semiconductor Co.,...
55PT06AI NELLSEMI-55PT06AI Datasheet
898Kb / 5P
Stansard SCRs, 55A
55PT NELLSEMI-55PT_14 Datasheet
652Kb / 5P
Stansard SCRs, 55A
logo
Unisonic Technologies
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
SCRS
logo
HAOPIN MICROELECTRONICS...
C106D HAOPIN-C106D Datasheet
236Kb / 4P
SCRs
HP20C60 HAOPIN-HP20C60 Datasheet
314Kb / 5P
SCRs
MCR25 HAOPIN-MCR25 Datasheet
444Kb / 5P
SCRs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com