Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCT855CS Datasheet(PDF) 3 Page - JIEJIE MICROELECTRONICS CO.,Ltd

Part # JCT855CS
Description  55A SCRs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

JCT855CS Datasheet(HTML) 3 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  JCT855CS Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT855CS Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT855CS Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT855CS Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT855CS Datasheet HTML 5Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
JCT655/855 Series
JieJie Microelectronics CO. , Ltd
TEL:+86-513-83639777
- 3 / 5-
http://www.jjwdz.com
ORDERING INFORMATION
J
CT
6
55
Z
JieJie Microelectronics Co.,Ltd
SCRs
6:VDRM /VRRM
≥600V
8:VDRM /VRRM
≥800V
IT(RMS):55A
Z:TO-3P(Ins)
CS:TO-247S S:TO-247
PACKAGE MECHANICAL DATA
2-R0.5
H
E
Φ
Ma
x
4.2m
m
K
L
B
A
D
J
Dimensions
Millimeters
Inches
Ref.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
B
C
D
E
F
G
H
J
K
L
P
R
4.40
1.45
14.35
0.50
4.60
1.55
15.60
0.70
0.173
0.057
0.565
0.020
0.181
0.061
0.614
0.028
2.70
2.90
20.40
1.10
1.40
0.043
0.055
2.80
3.00
0.110
0.118
0.106
0.114
15.80
16.50
0.622
0.650
21.10
0.803
0.831
15.10
15.50
0.594
0.610
4.35
0.171
5.40
5.65
0.213
0.222
1.35
1.50
0.053
0.059
TO-3P Ins
A
F
E
G
J
H
L
K
Dimensions
Millimeters
Inches
Ref.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
B
C
D
E
F
G
H
J
K
L
P
15.1
19.8
13.8
3.00
16.1
20.8
14.8
4.00
0.594
0.78
0.543
0.118
0.634
0.819
0.583
0.157
2.75
3.35
5.10
1.90
2.80
0.075
0.110
2.00
2.40
0.079
0.094
0.108
0.132
1.30
1.50
0.051
0.059
5.80
0.201
0.228
4.50
5.50
0.177
0.217
1.45
2.15
0.057
0.085
0.55
0.80
0.022
0.031
TO-247S



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com