Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCT855CS Datasheet(PDF) 4 Page - JIEJIE MICROELECTRONICS CO.,Ltd

Part # JCT855CS
Description  55A SCRs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

JCT855CS Datasheet(HTML) 4 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  JCT855CS Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT855CS Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT855CS Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT855CS Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT855CS Datasheet HTML 5Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
JCT655/855 Series
JieJie Microelectronics CO. , Ltd
TEL:+86-513-83639777
- 4 / 5-
http://www.jjwdz.com
PACKAGE MECHANICAL DATA
FIG.3: Surge peak on-state current versus
number of cycles
FIG.1 Maximum power dissipation versus RMS
on-state current
FIG.4: On-state characteristics (maximum
values)
FIG.2: RMS on-state current versus case
temperature
IT(RMS) (A)
P(w)
0
11
22
33
44
55
0
IT(RMS) (A)
Tc (℃)
0
0
25
50
75
100
125
1
10
100
1000
Number of cycles
0
80
ITSM (A)
ITM (A)
VTM (V)
0
1
2
3
4
5
1
10
Tj=25℃
44
55
66
160
240
320
2
20
40
60
80
11
22
33
TO-3P(Ins)
400
480
560
600
TO-247/
TO-247S
100
Tj=125℃
α=180°
One cycle
tp=10ms



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com