Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCT855CS Datasheet (PDF) - JIEJIE MICROELECTRONICS CO.,Ltd

JCT855CS Datasheet PDF - JIEJIE MICROELECTRONICS CO.,Ltd
Part # JCT855CS
Download  JCT855CS Download
File Size   445.09 Kbytes
Page   5 Pages
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd
Description 55A SCRs

JCT855CS Datasheet (PDF)

Go To PDF Page Download Datasheet
JCT855CS Datasheet PDF - JIEJIE MICROELECTRONICS CO.,Ltd

Part # JCT855CS
Download  JCT855CS Click to download

File Size   445.09 Kbytes
Page   5 Pages
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd
Description 55A SCRs

JCT855CS Datasheet (HTML) - JIEJIE MICROELECTRONICS CO.,Ltd




Similar Part No. - JCT855CS

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
JCT810A JIEJIE-JCT810A Datasheet
397Kb / 6P
10A SCRs
JCT810B JIEJIE-JCT810B Datasheet
397Kb / 6P
10A SCRs
JCT810F JIEJIE-JCT810F Datasheet
397Kb / 6P
10A SCRs
JCT810H JIEJIE-JCT810H Datasheet
397Kb / 6P
10A SCRs
JCT816 JIEJIE-JCT816 Datasheet
381Kb / 6P
16A SCRs
Rev.3.0
More results


Similar Description - JCT855CS

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N4167 CENTRAL-2N4167 Datasheet
57Kb / 1P
SCRs
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
SCRs
logo
Unisonic Technologies
BT151 UTC-BT151_10 Datasheet
211Kb / 5P
SCRS
logo
JIEJIE MICROELECTRONICS...
JCT6055 JIEJIE-JCT6055 Datasheet
408Kb / 3P
55A SCRs
logo
Nell Semiconductor Co.,...
55PT06AI NELLSEMI-55PT06AI Datasheet
898Kb / 5P
Stansard SCRs, 55A
55PT NELLSEMI-55PT_14 Datasheet
652Kb / 5P
Stansard SCRs, 55A
logo
Unisonic Technologies
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
SCRS
logo
HAOPIN MICROELECTRONICS...
C106D HAOPIN-C106D Datasheet
236Kb / 4P
SCRs
HP20C60 HAOPIN-HP20C60 Datasheet
314Kb / 5P
SCRs
MCR25 HAOPIN-MCR25 Datasheet
444Kb / 5P
SCRs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com