Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL13A-ASWB Datasheet(PDF) 9 Page - ams AG

Part # SL13A-ASWB
Description  Smart Sensory Tag Chip For Unique Identification, Monitoring and Data Logging
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL13A-ASWB Datasheet(HTML) 9 Page - ams AG

Back Button SL13A-ASWB Datasheet HTML 5Page - ams AG SL13A-ASWB Datasheet HTML 6Page - ams AG SL13A-ASWB Datasheet HTML 7Page - ams AG SL13A-ASWB Datasheet HTML 8Page - ams AG SL13A-ASWB Datasheet HTML 9Page - ams AG SL13A-ASWB Datasheet HTML 10Page - ams AG SL13A-ASWB Datasheet HTML 11Page - ams AG SL13A-ASWB Datasheet HTML 12Page - ams AG SL13A-ASWB Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
ams Datasheet: 2014-May-06 [v1-01]
SL13A – 9
Detaile d Desc rip t ion
Processing and Digital Control
The SL13A is fully ISO 15693 compliant. Both data coding modes
(1 out of 256 and 1 out of 4) are supported by the SL13A. The
reader (interrogator) makes mode selection within the SOF
(Start of Frame).
The 1-of-256 data coding mode has a data rate of 1.65 kbit/s
(fc/8192) meaning that the transmission of one byte takes 4.833
ms. The 1-of-4 coding has a rate of 26.48 kbit/s (fc/512) with the
transmission of one byte taken 302.08 μs.
Figure 9:
Response Data Rate
Serial Interface (SPI)
The integrated serial interface (SPI) can be used to read and
write the embedded EEPROM and to set the parameters. The
SPI interface is a secondary and test interface - the main
interface is the RF ISO15693 interface.
Real-Time Clock (RTC)
The on-chip real-time clock (RTC) is started through the
START
-LOG command in which the start time is programmed in
UTC format. The interval for sensing and data logging can be
programmed in the range from 1 second up to 9 hours. The
accuracy of the timer is ±3%.
Temperature Sensor
The on-chip temperature sensor can measure the temperature
in the range from -20ºC to 60ºC within the specified accuracy.
The reference voltage for the A/D conversion is supplied from
an on chip calibrated Bandgap reference.
External Sensor
The external sensor pin (SEXT) can be used to connect an
external sensor to the A/D converter. The voltage input range
is 300mV – 600mV and is fixed. For extra low power applications
the CE pin can switch the battery voltage for the time of the
external sensor A/D converter, so the current from the battery
into the sensor will flow only for this short time (max 5ms). This
can be enabled when the External-sensor flag is set to 1 and the
bit 19 in the Internal calibration data is set.
Data Rate
One Sub-carrier
Two Sub-carrier
Low
6.62 kbit/s (fc/2048)
6.67 kbit/s (fc/2032)
High
26.48 kbit/s (fc/512)
26.69 kbit/s (fc/508)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com