Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL13A-ASWB Datasheet(PDF) 42 Page - ams AG

Part # SL13A-ASWB
Description  Smart Sensory Tag Chip For Unique Identification, Monitoring and Data Logging
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL13A-ASWB Datasheet(HTML) 42 Page - ams AG

Back Button SL13A-ASWB Datasheet HTML 38Page - ams AG SL13A-ASWB Datasheet HTML 39Page - ams AG SL13A-ASWB Datasheet HTML 40Page - ams AG SL13A-ASWB Datasheet HTML 41Page - ams AG SL13A-ASWB Datasheet HTML 42Page - ams AG SL13A-ASWB Datasheet HTML 43Page - ams AG SL13A-ASWB Datasheet HTML 44Page - ams AG SL13A-ASWB Datasheet HTML 45Page - ams AG SL13A-ASWB Datasheet HTML 46Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 49 page
background image
SL13A – 42
ams Datasheet: 2014-May-06 [v1-01]
P a ck ag ing I n f o rm at ion
Figure 32:
Dimensions
Note(s) and/or Footnote(s):
1. The reflow peak soldering temperature (body temperature) is specified according IPC/JEDEC J-STD-020C “Moisture/Reflow
Sensitivity Classification for Non-hermetic Solid State Surface Mount Devices”.
Dim
Min
Nom
Max
Notes
A
0.80
0.90
1.00
1. Dimensioning and toleranceing confirm to ASME
Y14.5M-1994.
2. All dimensions are in millimeters. Angles are in degrees.
3. Dimension b applies to metallized terminal and is
measured between 0.25mm and 0.30mm from terminal
tip. Dimension L1 represents terminal full back from
package edge up to 0.1mm is acceptable.
4. Coplanarity applies to the exposed heat slug as well as
the terminal.
5. Radius on terminal is optional.
A1
0.203 REF
b
0.33
0.40
0.47
D5.00 BSC
E5.00 BSC
D1
3.15
3.25
3.35
E1
3.15
3.25
3.35
e
-
0.80 BSC
-
L
0.255
0.355
0.455
L1
0.10
P45º BSC
aaa
0.10
ccc
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com