Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL13A-ASWB Datasheet(PDF) 43 Page - ams AG

Part # SL13A-ASWB
Description  Smart Sensory Tag Chip For Unique Identification, Monitoring and Data Logging
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL13A-ASWB Datasheet(HTML) 43 Page - ams AG

Back Button SL13A-ASWB Datasheet HTML 39Page - ams AG SL13A-ASWB Datasheet HTML 40Page - ams AG SL13A-ASWB Datasheet HTML 41Page - ams AG SL13A-ASWB Datasheet HTML 42Page - ams AG SL13A-ASWB Datasheet HTML 43Page - ams AG SL13A-ASWB Datasheet HTML 44Page - ams AG SL13A-ASWB Datasheet HTML 45Page - ams AG SL13A-ASWB Datasheet HTML 46Page - ams AG SL13A-ASWB Datasheet HTML 47Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 49 page
background image
ams Datasheet: 2014-May-06 [v1-01]
SL13A – 43
O r dering & C o ntac t I n f o r m a t ion
Figure 33:
Ordering Information
Note(s) and/or Footnote(s):
1. Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by
weight in homogeneous material.
2. The tested wafers are not physical inked but are delivered with a wafer map specification in Electroglas format.
3. Order quantities should be a multiple of shipping form.
Buy our products or get free samples online at:
www.ams.com/ICdirect
Technical Support is available at:
www.ams.com/Technical-Support
For further information and requests, e-mail us at:
ams_sales@ams.com
For sales offices, distributors and representatives, please visit:
www.ams.com/contact
Headquarters
ams AG
Tobelbaderstrasse 30
8141 Unterpremstaetten
Austria, Europe
Tel: +43 (0) 3136 500 0
Website: www.ams.com
Ordering
Code
Description
Operating
Temperature Range
Package
Type
Device
Marking
Shipping
Form
SL13A-AQFT
Smart active label
IC with on-chip
temperature sensor
and 8k EEPROM
-40°C to 110°C
QFN 16LD
(5x5 mm)
RoHS (1)
SL13A
Tape & reel
1,000
parts/13” reel
SL13A-ASWB
-40ºC to 110ºC
-
Tested wafers
Ordering & Contact Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com