Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL13A-ASWB Datasheet(PDF) 36 Page - ams AG

Part # SL13A-ASWB
Description  Smart Sensory Tag Chip For Unique Identification, Monitoring and Data Logging
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL13A-ASWB Datasheet(HTML) 36 Page - ams AG

Back Button SL13A-ASWB Datasheet HTML 32Page - ams AG SL13A-ASWB Datasheet HTML 33Page - ams AG SL13A-ASWB Datasheet HTML 34Page - ams AG SL13A-ASWB Datasheet HTML 35Page - ams AG SL13A-ASWB Datasheet HTML 36Page - ams AG SL13A-ASWB Datasheet HTML 37Page - ams AG SL13A-ASWB Datasheet HTML 38Page - ams AG SL13A-ASWB Datasheet HTML 39Page - ams AG SL13A-ASWB Datasheet HTML 40Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
SL13A – 36
ams Datasheet: 2014-May-06 [v1-01]
M e mor y M a p O v er view
Figure 26:
User and Measurement Area
0A
0...9
10...24
25
26
27
28
29...30
31
Log mode + limits
Extreme upper limit
Log interval (LSB=1 second, maximum=32768 seconds)
reserved
TBD
Storage rule (0 - normal, 1 - rolling)
Battery check (0 - no battery measurement, 1 - battery
measurement at logging)
Logging form
Internal/external sensor (0 - internal temp. sensor, 1 - external
sensor)
0B
0...7
8...19
20...30
31
Number of blocks for user data
Delay time (LSB=8.53 minutes, maximum=582hours)
TBD
Single use flag (0 - reusable, 1 - single use/secure)
0C
0
1...10
11...13
14...23
24...31
Memory/Measurement status
Active (0 - passive, 1 - active/logging)
Errors and events
Number of memory replacements
Number of measurements
Measurement address pointer
0D
0...31
Password for System area (password 1)
0E
0...31
Password for User area (password 2)
0F
0...31
Password for Measurement area (password 3)
10 - 17
0...31
Lock bits for User/Measurement area
18
0...7
8...15
16...23
24...31
Out of limits counter
Extreme lower limit counter
Lower limit counter
Higher limit counter
Extreme higher limit counter
18 - 1F
0...31
Reserved
Block
Bits
Description
00
00…31
Reserved for user data – no password protection
01 - FF
00…31
User or measurement data
Block
Bits
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com