Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL13A-ASWB Datasheet(PDF) 40 Page - ams AG

Part # SL13A-ASWB
Description  Smart Sensory Tag Chip For Unique Identification, Monitoring and Data Logging
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL13A-ASWB Datasheet(HTML) 40 Page - ams AG

Back Button SL13A-ASWB Datasheet HTML 36Page - ams AG SL13A-ASWB Datasheet HTML 37Page - ams AG SL13A-ASWB Datasheet HTML 38Page - ams AG SL13A-ASWB Datasheet HTML 39Page - ams AG SL13A-ASWB Datasheet HTML 40Page - ams AG SL13A-ASWB Datasheet HTML 41Page - ams AG SL13A-ASWB Datasheet HTML 42Page - ams AG SL13A-ASWB Datasheet HTML 43Page - ams AG SL13A-ASWB Datasheet HTML 44Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 49 page
background image
SL13A – 40
ams Datasheet: 2014-May-06 [v1-01]
Appl ic ation s
SPI Communication
Figure 30 shows an application using the SPI interface to
communicate with other circuitries.
The Serial Peripheral Interface (SPI) port can be connected to
external circuitries for display etc.; this allows further
communication between the chip and other circuits such as a
wireless transceiver for remote direct access to the logging data
and for easy setting of parameters and functions. The chip
supports an alarm system and functions that calculate shelf life.
Such applications are possible in both passive and semi-passive
mode. In passive mode, the chip provides a supply current of
maximum 4 mA from the VEXT assuming a reader provides
sufficient power from its field. The VEXT voltage is limited at 3.4V.
Figure 30:
Application with SPI Communication
Max. 4 mA
In passive
mode only!
VEXT
VBAT
VSS
ANT1
ANT2
DIN
CLK
CE
Battery
1.5V or 3V
Antenna
Coil
SEXT
TEST
DOUT
3
16
11
15
14
10
6
5
12
1
2
MCU or other
Communication
circuitry
In semi- passive mode, external circuitry
may be supplied from the battery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com