Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE62005 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  3:5 Clock Generator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE62005 Datasheet(HTML) 2 Page - Texas Instruments

  CDCE62005 Datasheet HTML 1Page - Texas Instruments CDCE62005 Datasheet HTML 2Page - Texas Instruments CDCE62005 Datasheet HTML 3Page - Texas Instruments CDCE62005 Datasheet HTML 4Page - Texas Instruments CDCE62005 Datasheet HTML 5Page - Texas Instruments CDCE62005 Datasheet HTML 6Page - Texas Instruments CDCE62005 Datasheet HTML 7Page - Texas Instruments CDCE62005 Datasheet HTML 8Page - Texas Instruments CDCE62005 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 85 page
background image
CDCE62005
SCAS862F – NOVEMBER 2008 – REVISED JANUARY 2015
www.ti.com
Table of Contents
8.3
Feature Description................................................. 20
1
Features .................................................................. 1
8.4
Device Functional Modes........................................ 52
2
Applications ........................................................... 1
8.5
Programming........................................................... 55
3
Description ............................................................. 1
8.6
Register Maps ......................................................... 61
4
Revision History..................................................... 2
9
Application and Implementation ........................ 70
5
Pin Configuration and Functions ......................... 4
9.1
Application Information............................................ 70
6
Specifications......................................................... 6
9.2
Typical Application .................................................. 70
6.1
Absolute Maximum Ratings ...................................... 6
10
Power Supply Recommendations ..................... 74
6.2
Handling Ratings....................................................... 6
11
Layout................................................................... 76
6.3
Thermal Information .................................................. 6
11.1
Layout Guidelines ................................................. 76
6.4
Electrical Characteristics........................................... 7
11.2
Layout Example .................................................... 76
6.5
Timing Requirements .............................................. 11
12
Device and Documentation Support ................. 77
6.6
SPI Bus Timing Characteristics .............................. 11
12.1
Trademarks ........................................................... 77
6.7
Typical Characteristics ............................................ 12
12.2
Documentation Support ........................................ 77
7
Parameter Measurement Information ................ 13
12.3
Electrostatic Discharge Caution ............................ 77
8
Detailed Description ............................................ 14
12.4
Glossary ................................................................ 77
8.1
Overview ................................................................. 14
13
Mechanical, Packaging, and Orderable
8.2
Functional Block Diagrams ..................................... 14
Information ........................................................... 77
4 Revision History
Changes from Revision E (July 2014) to Revision F
Page
•
Added Low Noise Clock Generator: 550 fs rms typical (10 kHz to 20 MHz Integration Bandwidth), FC = 100 MHz in
Features section ..................................................................................................................................................................... 1
•
Added Low Noise Jitter Cleaner: 2.6 ps rms typical (10 kHz to 20 MHz Integration Bandwidth), FC = 100 MHz in
Features section ..................................................................................................................................................................... 1
Changes from Revision D (April 2011) to Revision E
Page
•
Changed Added, updated, or revised the following sections: Features; Application and Implementation; Power
Supply Recommendations ; Layout ; Device and Documentation Support ; Mechanical, Packaging, and Ordering
Information ............................................................................................................................................................................. 1
•
Changed Bit Name from LOCKW(3) to LOCKW(2).............................................................................................................. 48
•
Changed Bit Name from LOCKW(2) to LOCKW(1).............................................................................................................. 48
•
Changed Bit Name from LOCKW(1) to LOCKW(0).............................................................................................................. 48
•
Changed REGISTER.BIT from 5.26 to 5.25, from 5.25 to 5.24, from 5.24 to 5.23, from 5.23 to 5.22. .............................. 48
Changes from Revision C (February, 2010) to Revision D
Page
•
Changed 0 to 1 in SPI_LE description ................................................................................................................................... 4
•
Changed last sentence in Description column of Pin 46 and Pin 2 ....................................................................................... 5
•
Changed Outputs to Output 1 in PLVCMOS Test Conditions, changed PD to Power_Down in LVCMOS INPUT MODE,
and deleted (LVCMOS signals) from Input capacitance in Electrical Characteristics ............................................................ 7
•
Changed TIMING REQUIREMENTS table........................................................................................................................... 11
•
Added 1 row to TIMING Requirements table - Input Clock Slew Rate... ............................................................................. 11
•
Added SPI CONTROL INTERFACE TIMING section .......................................................................................................... 11
•
Changed Functional Block Diagrams .................................................................................................................................. 14
•
Changed pin names in Figure 11 ......................................................................................................................................... 15
•
Changed Feedback Divider value in Figure 15 .................................................................................................................... 18
•
Changed are 25°C to (nominal conditions) in Table 3 ......................................................................................................... 21
2
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com