Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE62005 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  3:5 Clock Generator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE62005 Datasheet(HTML) 39 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 35Page - Texas Instruments CDCE62005 Datasheet HTML 36Page - Texas Instruments CDCE62005 Datasheet HTML 37Page - Texas Instruments CDCE62005 Datasheet HTML 38Page - Texas Instruments CDCE62005 Datasheet HTML 39Page - Texas Instruments CDCE62005 Datasheet HTML 40Page - Texas Instruments CDCE62005 Datasheet HTML 41Page - Texas Instruments CDCE62005 Datasheet HTML 42Page - Texas Instruments CDCE62005 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 85 page
background image
OutputDivider 2
OutputDivider 3
AUX
OUT
Register 6
25
Register 6
24
CDCE62005
www.ti.com
SCAS862F – NOVEMBER 2008 – REVISED JANUARY 2015
Table 20. Output Synchronization Procedure
R4.1
R6.20
COMMENTS
0
0
The synchronized outputs will be enabled after ~6 µs delay and the next rising edge of the
reference clock and selected clock of output multiplexer.
0
1
The synchronized outputs will be enabled after ~6 µs delay and the next rising edge of
Toggling SYNC Pin or
selected clock of output multiplexer (reference Figure 26 (a)).
Bit (R8.8) from low to
1
0
The synchronized outputs will be enabled with the next rising edge of reference clock & the
high
selected clock of output multiplexer (reference Figure 26 (c)).
1
1
The synchronized outputs will be enabled with the next rising edge of the selected clock of
output multiplexer (reference Figure 26 (b)).
Toggling SYNC Pin or
X
X
All outputs are disabled.
Bit (R8.8) from high to
low
8.3.5.15 Auxiliary Output
Figure 27 shows the auxiliary output port. Table 21 lists how the auxiliary output port is controlled. The output
buffer supports a maximum output frequency of 250 MHz and drives at LVCMOS levels. Refer to Table 13 for the
list of divider settings that establishes the output frequency.
Figure 27. CDCE62005 Auxiliary Output
Table 21. CDCE62005 Auxiliary Output Settings
BIT NAME
→
AUXFEEDSEL
AUXOUTEN
AUX OUTPUT SOURCE
REGISTER.BIT
→
6.25
6.24
X
0
OFF
0
1
Divider 2(1)
1
1
Divider 3(1)
(1)
If Divider 2 or Divider 3 is set to divide by 1 and AUXOUT is selected from divide by 1, then AUXOUT
will be disabled even if the AUXOUTEN bit (6.24) is high.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com