Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE62005 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  3:5 Clock Generator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE62005 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 3Page - Texas Instruments CDCE62005 Datasheet HTML 4Page - Texas Instruments CDCE62005 Datasheet HTML 5Page - Texas Instruments CDCE62005 Datasheet HTML 6Page - Texas Instruments CDCE62005 Datasheet HTML 7Page - Texas Instruments CDCE62005 Datasheet HTML 8Page - Texas Instruments CDCE62005 Datasheet HTML 9Page - Texas Instruments CDCE62005 Datasheet HTML 10Page - Texas Instruments CDCE62005 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 85 page
background image
CDCE62005
www.ti.com
SCAS862F – NOVEMBER 2008 – REVISED JANUARY 2015
6.4 Electrical Characteristics
recommended operating conditions for the CDCE62005 device for under the specified Industrial temperature range of –40°C
to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
POWER SUPPLY
VCC
Supply voltage
3
3.3
3.6
V
VCC_PLL,
VCC_IN,
Analog supply voltage
3
3.3
3.6
VCC_VCO,
VCCA
REF at 30.72,MHz, Outputs are
Output 1 = 491.52 MHz
PLVPECL
1.9
W
LVPECL
Output 2 = 245.76 MHz
Output 3 = 122.88 MHz
REF at 30.72 MHz, Outputs are
PLVDS
1.65
W
Output 4 = 61.44 MHz
LVDS
Output 5 = 30.72 MHz
REF at 30.72 MHz, Outputs are
In case of LVCMOS
PLVCMOS
1.8
W
LVCMOS
Output1 = 245.76 MHz
Dividers are disabled. Outputs are
POFF
REF at 30.72 MHz
0.75
W
disabled.
PPD
Device is powered down
20
mW
DIFFERENTIAL INPUT MODE (PRI_REF, SEC_REF)
Differential input amplitude (VIN –
VIN
0.1
1.3
V
V/IN)
VIC
Common-mode input voltage
1.0
VCC–0.3
V
Differential input current high (no
IIH
VI = VCC, VCC = 3.6 V
20
μA
internal termination)
Differential input current low (no
IIL
VI = 0 V, VCC = 3.6 V
–20
20
μA
internal termination)
Input Capacitance on PRI_REF,
3
pF
SEC_REF
CRYSTAL INPUT SPECIFICATIONS
On-chip load capacitance
8
10
pF
Equivalent series resistance (ESR)
50
Ω
LVCMOS INPUT MODE (SPI_CLK, SPI_MOSI, SPI_LE, Power_Down, SYNC, REF_SEL, PRI_REF, SEC_REF )
Low-level input voltage LVCMOS,
0
0.3 x VCC
V
High-level input voltage LVCMOS
0.7 x VCC
VCC
V
VIK
LVCMOS input clamp voltage
VCC = 3 V, II = –18 mA
–1.2
V
IIH
LVCMOS input current
VI = VCC, VCC = 3.6 V
20
μA
LVCMOS input (Except PRI_REF
IIL
VI = 0 V, VCC = 3.6 V
–10
–40
μA
and SEC_REF)
LVCMOS input (PRI_REF and
IIL
VI = 0 V, VCC = 3.6 V
–10
10
μA
SEC_REF)
CI
Input capacitance
VI = 0 V or VCC
3
pF
SPI OUTPUT (MISO) / PLL_LOCK OUTPUT
IOH
High-level output current
VCC = 3.3 V,
VO = 1.65 V
–30
mA
IOL
Low-level output current
VCC = 3.3 V,
VO = 1.65 V
33
mA
High-level output voltage for
VOH
VCC = 3 V,
IOH = −100 μA
VCC–0.5
V
LVCMOS outputs
Low-level output voltage for
VOL
VCC = 3 V,
IOL = 100 μA
0.3
V
LVCMOS outputs
CO
Output capacitance on MISO
VCC = 3.3 V; VO = 0 V or VCC(1)
3
pF
IOZH
5
VO = VCC
3-state output current
μA
VO = 0 V
IOZL
–5
(1)
All typical values are at VCC = 3.3 V, temperature = 25°C
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com