Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE62005 Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  3:5 Clock Generator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE62005 Datasheet(HTML) 71 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 67Page - Texas Instruments CDCE62005 Datasheet HTML 68Page - Texas Instruments CDCE62005 Datasheet HTML 69Page - Texas Instruments CDCE62005 Datasheet HTML 70Page - Texas Instruments CDCE62005 Datasheet HTML 71Page - Texas Instruments CDCE62005 Datasheet HTML 72Page - Texas Instruments CDCE62005 Datasheet HTML 73Page - Texas Instruments CDCE62005 Datasheet HTML 74Page - Texas Instruments CDCE62005 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 85 page
background image
CDCE62005
www.ti.com
SCAS862F – NOVEMBER 2008 – REVISED JANUARY 2015
Typical Application (continued)
9.2.2 Detailed Design Procedure
Step 1. From Figure 47, it can be inferred that the relationship between the output frequency and the input
frequency is described by these equations,
where:
FVCO = FOUT ´ P ´ N
(17)
provided that:
80 kHz < (FIN/M) < 40 MHz
(18)
and:
1750 MHz < (FOUT ´ P ´ N) < 2350 MHz
(19)
Step 2. Keep in mind the following while satisfying the equations in Step 1:
•
The P divider can be chosen to be 1, 2, 3, 4, 5, up to 80
•
The internal VCO range is from 1.75 GHz to 2.35 GHz
•
The input (M) and prescaler (N) dividers can be chosen from Table 22 and Table 26.
•
The FB divider can be chosen from the values in Table 23 and Table 24.
Step 3. Given multiple desired output frequencies and the input frequency, the first step would be to establish M,
N, and FB divider values for different P divider settings to satisfy these equations:
FIN = FOUT1 x (M x P1) / (N x FB)
(20)
FIN = FOUT2 x (M x P2) / (N x FB)
(21)
FIN = FOUT3 x (M x P3) / (N x FB)
(22)
FIN = FOUT4 x (M x P4) / (N x FB)
(23)
FIN = FOUT5 x (M x P5) / (N x FB)
(24)
(FVCO/ N) = FOUT1 x P1 = FOUT2 x P2 = FOUT3 x P3 = FOUT4 x P4 = FOUT5 x P5
(25)
Such that these parameters are valid:
•
The common PFD frequency is always less than 40 MHz.
•
The VCXO frequency is the same for deriving all outputs.
Using the example to derive these outputs, it can be seen that there is not an output divider (P5) that will
generate a 25-MHz output. However, the output MUX value of output 5 can be chosen to directly bypass the 25-
MHz input clock to output 5. Therefore, in order to use a common VCO frequency, the P dividers to be used are:
•
P1 = 4
•
P2 = 4
•
P3 = 5
•
P4 = 5
•
P5 = 1
The common VCO frequency is 1875 MHz and is VCO1. The output MUX for outputs 1 to 4 are set to the
PLL/VCO outputs. Moreover, the FB divider to be used is:
FB = 100
(26)
The N divider to be used is:
N = 3
(27)
These values ensure that the (FIN/M) ratio is within 40 MHz and is set at 6.25 MHz. Thus, the M divider to be
used is:
M = 4
(28)
Figure 47 illustrates this configuration.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
71
Product Folder Links: CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com