Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE62005 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  3:5 Clock Generator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE62005 Datasheet(HTML) 49 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 45Page - Texas Instruments CDCE62005 Datasheet HTML 46Page - Texas Instruments CDCE62005 Datasheet HTML 47Page - Texas Instruments CDCE62005 Datasheet HTML 48Page - Texas Instruments CDCE62005 Datasheet HTML 49Page - Texas Instruments CDCE62005 Datasheet HTML 50Page - Texas Instruments CDCE62005 Datasheet HTML 51Page - Texas Instruments CDCE62005 Datasheet HTML 52Page - Texas Instruments CDCE62005 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 85 page
background image
(
)
(
)
S
S
L,R
O
L,A
O
C
C
f
=
f
2 C
+ C
2 C
+ C
-
CDCE62005
www.ti.com
SCAS862F – NOVEMBER 2008 – REVISED JANUARY 2015
The normalized frequency error of the crystal, as a result of load capacitance mismatch, can be calculated as
Equation 8:
where
•
Δf is the frequency error of the crystal
•
f is the rated frequency of the crystal
•
CS is the motional capacitance of the crystal
•
CL,R is the rated load capacitance for the crystal
•
CO is the shunt capacitance of the crystal
•
CL,A is the actual load capacitance in the implemented PCB for the crystal
(8)
The first three parameters can be obtained from the crystal vendor.
In order to minimize the frequency error of the crystal to meet application requirements, the difference between
the rated load capacitance and the actual load capacitance should be minimized and a crystal with low-pull
capability (low CS) should be used.
For example, if an application requires less than ±50 ppm frequency error and a crystal with less than ±50 ppm
frequency tolerance is picked, the characteristics are as follows: C0 = 7 pF, CS = 10 µF, and CL,R = 12 pF. In
order to meet the required frequency error, calculate CL,A using Equation 8 to be 17 pF. Subtracting CL,R from
CL,A, results in 5 pF. Take care to ensure that the sum of the crystal stray capacitance and board parasitic
capacitance is less than the calculated 5 pF during printed circuit board (PCB) layout with the crystal and the
CDCE62005. Good layout practices are fundamental to the correct operation and reliability of the oscillator. It is
critical to locate the crystal components very close to the XIN pin to minimize routing distances. Long traces in
the oscillator circuit are a very common source of problems. Do not route other signals across the oscillator
circuit. Also, make sure power and high-frequency traces are routed as far away as possible to avoid crosstalk
and noise coupling. Avoid the use of vias; if the routing becomes very complex, it is better to use 0-
Ω resistors as
bridges to go over other signals. Vias in the oscillator circuit should only be used for connections to the ground
plane. Do not share ground connections; instead, make a separate connection to ground for each component
that requires grounding. If possible, place multiple vias in parallel for each connection to the ground plane.
Especially in the Colpitts oscillator configuration, the oscillator is very sensitive to capacitance in parallel with the
crystal. Therefore, the layout must be designed to minimize stray capacitance across the crystal to less than 5 pF
total under all circumstances to ensure proper crystal oscillation. Be sure to take into account both PCB and
crystal stray capacitance.
8.3.8 VCO Calibration
The CDCE62005 includes two on-chip LC oscillator-based VCOs with low phase noise covering a frequency
range of 1.75 GHz to 2.356 GHz. The VCO must be calibrated to ensure proper operation over the valid device
operating conditions. VCO calibration is controlled by the reference clock input. This calibration requires that the
PLL be set up properly to lock the PLL loop and that the reference clock input be present.
The device enters self-calibration of the VCO automatically at power up at device default mode, after the
registers have been loaded from the EEPROM and an input clock signal is detected. If there is no input clock
available during power up, the VCO will wait for the reference clock before starting calibration.
If the input signal is not valid during self-calibration, it is necessary to re-initiate VCO calibration after the input
clock signal stabilizes.
NOTE
Re-calibration is also necessary anytime a PLL setting is changed (for example, divider
ratios in the PLL or loop filter settings are adjusted).
VCO calibration can be initiated by writing to register 6 bits 27 and 22 or register 8 bit 7 (/SLEEP bit).
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com