Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE62005 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  3:5 Clock Generator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE62005 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 4Page - Texas Instruments CDCE62005 Datasheet HTML 5Page - Texas Instruments CDCE62005 Datasheet HTML 6Page - Texas Instruments CDCE62005 Datasheet HTML 7Page - Texas Instruments CDCE62005 Datasheet HTML 8Page - Texas Instruments CDCE62005 Datasheet HTML 9Page - Texas Instruments CDCE62005 Datasheet HTML 10Page - Texas Instruments CDCE62005 Datasheet HTML 11Page - Texas Instruments CDCE62005 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 85 page
background image
CDCE62005
SCAS862F – NOVEMBER 2008 – REVISED JANUARY 2015
www.ti.com
Electrical Characteristics (continued)
recommended operating conditions for the CDCE62005 device for under the specified Industrial temperature range of –40°C
to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
EEPROM
EEcy
Programming cycle of EEPROM
100
1000
Cycles
EEret
Data retention
10
Years
VBB
Termination voltage for reference
IBB = –0.2 mA, Depending on the
VBB
0.9
1.9
V
inputs.
setting.
INPUT BUFFERS INTERNAL TERMINATION RESISTORS (PRI_REF and SEC_REF)
Termination resistance
Single ended
50
Ω
PHASE DETECTOR
fCPmax
Charge pump frequency
0.04
40
MHz
LVCMOS OUTPUT / AUXILIARY OUTPUT (1)
fclk
Output frequency (see Figure 7)
Load = 5 pF to GND
0
250
MHz
High-level output voltage for
VOH
VCC = min to max
IOH = –100 μA
VCC –0.5
LVCMOS outputs
Low-level output voltage for
VOL
VCC = min to max
IOL =100 µA
0.3
V
LVCMOS outputs
IOH
High-level output current
VCC = 3.3 V
VO = 1.65 V
–30
mA
IOL
Low-level output current
VCC = 3.3 V
VO = 1.65 V
33
mA
Reference (PRI_REF or SEC_REF)
Outputs are set to 122.88 MHz,
tpho
0.35
ns
to Output Phase offset
Reference at 30.72 MHz
tpd(LH)/
Propagation delay from PRI_REF
Crosspoint to VCC/2, Bypass Mode
4
ns
or SEC_REF to Outputs
tpd(HL)
All Outputs set at 200 MHz, Reference
tsk(o)
Skew, output to output For Y0 to Y4
75
ps
= 200 MHz
CO
Output capacitance on Y0 to Y4
VCC = 3.3 V; VO = 0 V or VCC
5
pF
IOZH
VO = VCC
5
μA
3-State LVCMOS output current
IOZL
VO = 0 V
–5
μA
IOPDH
VO = VCC
25
μA
Power Down output current
IOPDL
VO = 0 V
5
μA
Duty cycle LVCMOS
45%
55%
tslew-rate
Output rise/fall slew rate
3.6
5.2
V/ns
8
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com