Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN8820 Datasheet(PDF) 30 Page - Microchip Technology

Part # LAN8820
Description  RGMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8820 Datasheet(HTML) 30 Page - Microchip Technology

Back Button LAN8820 Datasheet HTML 26Page - Microchip Technology LAN8820 Datasheet HTML 27Page - Microchip Technology LAN8820 Datasheet HTML 28Page - Microchip Technology LAN8820 Datasheet HTML 29Page - Microchip Technology LAN8820 Datasheet HTML 30Page - Microchip Technology LAN8820 Datasheet HTML 31Page - Microchip Technology LAN8820 Datasheet HTML 32Page - Microchip Technology LAN8820 Datasheet HTML 33Page - Microchip Technology LAN8820 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 83 page
background image
LAN8820/LAN8820I
DS00001871B-page 30
 2009-2015 Microchip Technology Inc.
3.9.6
LOOPBACK OPERATION
The local loopback mode is enabled by setting the Loopback bit of the Basic Control Register. In this mode, the scram-
bled transmit data (output of the scrambler) is looped into the receive logic (input of the descrambler). This mode is use-
ful as a board diagnostic and serves as a quick functional verification of the device.
3.9.7
IEEE 1149.1 (JTAG) BOUNDARY SCAN
The device includes an integrated JTAG boundary-scan test port for board-level testing. The interface consists of four
pins (TDO, TDI, TCK and TMS) and includes a state machine, data register array, and an instruction register. The JTAG
pins are described in Table 2-5, "JTAG Pins". The JTAG interface conforms to the IEEE Standard 1149.1 - 1990 Stan-
dard Test Access Port (TAP) and Boundary-Scan Architecture
.
All input and output data is synchronous to the TCK test clock input. TAP input signals TMS and TDI are clocked into
the test logic on the rising edge of TCK, while the output signal TDO is clocked on the falling edge.
The JTAG logic is reset via a hardware reset or when the TMS and TDI pins are high for five TCK periods.
The implemented IEEE 1149.1 instructions and their op codes are shown in Table 3-11.
3.9.8
ADVANCED FEATURES
The device implements several advanced features to enhance manageability of the Ethernet link. These features are
detailed in the following sub-sections.
3.9.8.1
Crossover Indicators
The device reports crossed channels in the XOVER Resolution 0:1 and XOVER Resolution 2:3 fields of the User Status
2 Register. This feature is useful for trouble-shooting problems during network installation.
3.9.8.2
Polarity Inversion Indicators
The device automatically detects and corrects inverted signal polarity. This is reported in the polarity inversion bits
(POLARITY_INV_3, POLARITY_INV_2, POLARITY_INV_1 and POLARITY_INV_0) of the User Status 1 Register.
The polarity inversion bit for Channel 1 (POLARITY_INV_1) is valid after auto-negotiation is complete as indicated by
the Auto-Negotiate Complete bit of the Basic Status Register. The polarity inversion bits for Channels 0, 2 and 3
(POLARITY_INV_0, POLARITY_INV_2, POLARITY_INV_3) are valid only after the link is up as indicated by the Link
Status bit of the Basic Status Register.
Note:
During transmission in local loopback mode, nothing is transmitted to the line and the transmitters are pow-
ered down.
TABLE 3-11:
IEEE 1149.1 OP CODES
INSTRUCTION
OP CODE
COMMENT
Bypass
111
Mandatory Instruction
Sample/Preload
010
Mandatory Instruction
EXTEST
000
Mandatory Instruction
Clamp
011
Optional Instruction
HIGHZ
100
Optional Instruction
IDCODE
001
Optional Instruction
Note:
All digital I/O pins support IEEE 1149.1 operation. Analog pins and the XO pin do not support IEEE 1149.1
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com