Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN8820 Datasheet(PDF) 19 Page - Microchip Technology

Part # LAN8820
Description  RGMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8820 Datasheet(HTML) 19 Page - Microchip Technology

Back Button LAN8820 Datasheet HTML 15Page - Microchip Technology LAN8820 Datasheet HTML 16Page - Microchip Technology LAN8820 Datasheet HTML 17Page - Microchip Technology LAN8820 Datasheet HTML 18Page - Microchip Technology LAN8820 Datasheet HTML 19Page - Microchip Technology LAN8820 Datasheet HTML 20Page - Microchip Technology LAN8820 Datasheet HTML 21Page - Microchip Technology LAN8820 Datasheet HTML 22Page - Microchip Technology LAN8820 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 83 page
background image
 2009-2015 Microchip Technology Inc.
DS00001871B-page 19
LAN8820/LAN8820I
The various RGMII modes and their corresponding configuration settings are summarized in Figure 3-3.
Timing information for the RGMII interface is provided in Section 5.5, "AC Specifications," on page 65. For additional
information on the RGMII interface, refer to the RGMII specification.
FIGURE 3-3:
RGMII MODES OF OPERATION
Note:
Strapping RGMII_ID_MODE high sets the device into Hybrid Mode. In order to set the device into ID Mode,
the RGMII PHY TXC Delay Enable and RGMII PHY RXC Delay Enable bits of the Control / Status Indica-
tions Register (27.[9:8]) must be configured via software to 01b.
MAC
PCB Trace Delay
Non-ID Mode (RGMII Specification)
(27.[9:8] = 00b, RGMII_ID_MODE = 0)
TXC
RXC
PCB Trace Delay
LAN8820/
LAN8820i
TXC
RXC
ID Mode (RGMII Specification)
(27.[9:8] = 01b)
RGMII PHY TXC Delay: Disabled
RGMII PHY RXC Delay: Disabled
Hybrid Mode
(27.[9:8] = 11b, RGMII_ID_MODE = 1)
TXD[3:0]
TXD[3:0]
RXD[3:0]
RXD[3:0]
MAC
TXC
RXC
LAN8820/
LAN8820i
TXC
RXC
TXD[3:0]
TXD[3:0]
RXD[3:0]
RXD[3:0]
RGMII PHY TXC Delay: Disabled
RGMII PHY RXC Delay: Enabled
ID
ID
MAC
TXC
RXC
LAN8820/
LAN8820i
TXC
RXC
TXD[3:0]
TXD[3:0]
RXD[3:0]
RXD[3:0]
RGMII PHY TXC Delay: Enabled
RGMII PHY RXC Delay: Enabled
ID
ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com