Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN8820 Datasheet(PDF) 41 Page - Microchip Technology

Part # LAN8820
Description  RGMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8820 Datasheet(HTML) 41 Page - Microchip Technology

Back Button LAN8820 Datasheet HTML 37Page - Microchip Technology LAN8820 Datasheet HTML 38Page - Microchip Technology LAN8820 Datasheet HTML 39Page - Microchip Technology LAN8820 Datasheet HTML 40Page - Microchip Technology LAN8820 Datasheet HTML 41Page - Microchip Technology LAN8820 Datasheet HTML 42Page - Microchip Technology LAN8820 Datasheet HTML 43Page - Microchip Technology LAN8820 Datasheet HTML 44Page - Microchip Technology LAN8820 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 83 page
background image
 2009-2015 Microchip Technology Inc.
DS00001871B-page 41
LAN8820/LAN8820I
4.2.8
AUTO NEGOTIATION NEXT PAGE TX REGISTER
4.2.9
AUTO NEGOTIATION NEXT PAGE RX REGISTER
Index (In Decimal): 7
Size:
16 bits
Bits
Description
Type
Default
15
Next Page
0 = no next page ability
1 = next page capable
R/W
0b
14
RESERVED
RO
-
13
Message Page
0 = unformatted page
1 = message page
R/W
1b
12
Acknowledge 2
0 = device cannot comply with message
1 = device will comply with message
R/W
0b
11
Toggle
0 = previous value was HIGH
1 = previous value was LOW
RO
0b
10:0
Message Code
Message/Unformatted Code Field
RW
00
0000
0001b
Index (In Decimal): 8
Size:
16 bits
Bits
Description
Type
Default
15
Next Page
0 = no next page ability
1 = next page capable
RO
0b
14
Acknowledge
0 = Link code word not yet received from partner
1 = Link code word received from partner
RO
0b
13
Message Page
0 = unformatted page
1 = message page
RO
1b
12
Acknowledge 2
0 = device cannot comply with message
1 = device will comply with message
RO
0b
11
Toggle
0 = previous value was HIGH
1 = previous value was LOW
RO
0b
10:0
Message Code
Message/Unformatted Code Field
RO
000
0000
0000b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com