Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN8820 Datasheet(PDF) 64 Page - Microchip Technology

Part # LAN8820
Description  RGMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8820 Datasheet(HTML) 64 Page - Microchip Technology

Back Button LAN8820 Datasheet HTML 60Page - Microchip Technology LAN8820 Datasheet HTML 61Page - Microchip Technology LAN8820 Datasheet HTML 62Page - Microchip Technology LAN8820 Datasheet HTML 63Page - Microchip Technology LAN8820 Datasheet HTML 64Page - Microchip Technology LAN8820 Datasheet HTML 65Page - Microchip Technology LAN8820 Datasheet HTML 66Page - Microchip Technology LAN8820 Datasheet HTML 67Page - Microchip Technology LAN8820 Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 83 page
background image
LAN8820/LAN8820I
DS00001871B-page 64
 2009-2015 Microchip Technology Inc.
Note 5-9
IEEE 802.ab distortion processing
Note 5-10
Measured at line side of transformer, line replaced by 100
 (+/- 1%) resistor.
Note 5-11
Offset from 16nS pulse width at 50% of pulse peak.
Note 5-12
Measured differentially.
Note 5-13
Min/max voltages guaranteed as measured with 100
 resistive load.
TABLE 5-9:
100BASE-TX TRANSCEIVER CHARACTERISTICS
Parameter
Symbol
Min
Typ
max
units
notes
Peak Differential Output Voltage High
VPPH
950
-
1050
mVpk
Note 5-10
Peak Differential Output Voltage Low
VPPL
-950
-
-1050
mVpk
Note 5-10
Signal Amplitude Symmetry
VSS
98
-
102
%
Note 5-10
Signal Rise and Fall Time
TRF
3.0
-
5.0
nS
Note 5-10
Rise and Fall Symmetry
TRFS
--
0.5
nS
Note 5-10
Duty Cycle Distortion
DCD
35
50
65
%
Note 5-11
Overshoot and Undershoot
VOS
--
5
%
Jitter
1.4
nS
Note 5-12
TABLE 5-10:
10BASE-T TRANSCEIVER CHARACTERISTICS
Parameter
Symbol
Min
Typ
Max
Units
Notes
Transmitter Peak Differential Output Voltage
VOUT
2.2
2.5
2.8
V
Note 5-13
Receiver Differential Squelch Threshold
VDS
300
420
585
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com