Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN8820 Datasheet(PDF) 32 Page - Microchip Technology

Part # LAN8820
Description  RGMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8820 Datasheet(HTML) 32 Page - Microchip Technology

Back Button LAN8820 Datasheet HTML 28Page - Microchip Technology LAN8820 Datasheet HTML 29Page - Microchip Technology LAN8820 Datasheet HTML 30Page - Microchip Technology LAN8820 Datasheet HTML 31Page - Microchip Technology LAN8820 Datasheet HTML 32Page - Microchip Technology LAN8820 Datasheet HTML 33Page - Microchip Technology LAN8820 Datasheet HTML 34Page - Microchip Technology LAN8820 Datasheet HTML 35Page - Microchip Technology LAN8820 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 83 page
background image
LAN8820/LAN8820I
DS00001871B-page 32
 2009-2015 Microchip Technology Inc.
3.10.1
SIMPLIFIED APPLICATION DIAGRAM
FIGURE 3-6:
SIMPLIFIED APPLICATION DIAGRAM
4
LAN8820/
LAN8820i
TXD[3:0]
TXCTRL
TR0P
TR0N
Magnetics
RJ45
TR1P
TR1N
TR2P
TR2N
TR3P
TR3N
4
RXD[3:0]
RXC
RXCTRL
25MHz
CONFIG[3:0]
4
Interface
MDIO
MDC
nRESET
TXC
IRQ
XI
XO
JTAG
(optional)
TDI
TMS
TCK
TDO
HPD
RGMII
10_LED
100_LED
1000_LED
ACT_LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com